Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV232 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMV232
Description  LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV232 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV232_16 Datasheet HTML 5Page - Texas Instruments LMV232_16 Datasheet HTML 6Page - Texas Instruments LMV232_16 Datasheet HTML 7Page - Texas Instruments LMV232_16 Datasheet HTML 8Page - Texas Instruments LMV232_16 Datasheet HTML 9Page - Texas Instruments LMV232_16 Datasheet HTML 10Page - Texas Instruments LMV232_16 Datasheet HTML 11Page - Texas Instruments LMV232_16 Datasheet HTML 12Page - Texas Instruments LMV232_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
PA1
ANTENNA
RFIN1
LMV232
RF
INPUT
OUT
R1
6.2 k:
RFIN2
PA2
RF
INPUT
FB
BS
SD
VDD
GND
A3
B3
C1
B1
A1
C3
C2
A2
R3
50:
C1
1.5 nF
COUPLER
COUPLER
TO BASEBAND
R2
50:
LMV232
www.ti.com
SNWS017C – DECEMBER 2004 – REVISED MARCH 2013
Figure 21. Typical Application
The detection curves of Figure 22 show the detector response to RF input power. To show the complete dynamic
range on a logarithmic scale, the pedestal voltage (VPEDESTAL) is subtracted from the output. The pedestal
voltage is defined as the output voltage in the absence of an RF input signal (at 25°C). The best-fit ideal mean
square response is represented by the fitted curve in Figure 22. The input referred error of the detection curves
with respect to this best-fit mean square response is determined as follows:
Determine the best-fit mean square response.
Determine the output referred error between the actual detector response and the ideal mean square
response.
Translate the output referred error to an input referred error.
Figure 22. Detection Curve
The best-fit linear curve is obtained from the detector response by means of linear regression. The output
referred error is calculated with the formula:
ErrordBV = 20*log[ (VOUT-VPEDESTAL)/(KDET*PIN) ]
Where,
Conversion gain of the ideal fitted curve KDET is in V/mW and the RF input power PIN in mW.
To translate this output referred error (in dB) to an input referred error, it has to be divided by a factor of 2. This
is due to the mean square characteristic of the device. The response of a mean square detector changes by 2
dB for every dB change of the input power. Figure 23 depicts the resulting curve.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMV232


Similar Part No. - LMV232_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV232 TI-LMV232_15 Datasheet
1Mb / 20P
[Old version datasheet]   LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
More results

Similar Description - LMV232_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV232 TI-LMV232_15 Datasheet
1Mb / 20P
[Old version datasheet]   LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
logo
National Semiconductor ...
LMV232 NSC-LMV232 Datasheet
779Kb / 13P
   Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
LMV225 NSC-LMV225 Datasheet
1Mb / 21P
   RF Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMV225 TI1-LMV225 Datasheet
2Mb / 39P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
LMV225 TI1-LMV225_14 Datasheet
1Mb / 30P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMV227 NSC-LMV227 Datasheet
739Kb / 12P
   Production RF Tested, RF Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMV225SD TI-LMV225SD Datasheet
947Kb / 30P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225SDX TI-LMV225SDX Datasheet
947Kb / 30P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225 TI-LMV225_15 Datasheet
2Mb / 37P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225 TI1-LMV225_16 Datasheet
2Mb / 37P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com