Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV1091 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMV1091
Description  Dual Input, Far Field Noise Suppression Microphone Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV1091 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV1091 Datasheet HTML 6Page - Texas Instruments LMV1091 Datasheet HTML 7Page - Texas Instruments LMV1091 Datasheet HTML 8Page - Texas Instruments LMV1091 Datasheet HTML 9Page - Texas Instruments LMV1091 Datasheet HTML 10Page - Texas Instruments LMV1091 Datasheet HTML 11Page - Texas Instruments LMV1091 Datasheet HTML 12Page - Texas Instruments LMV1091 Datasheet HTML 13Page - Texas Instruments LMV1091 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
0
10
20
30
40
50
60
100
1k
10k
FREQUENCY (Hz)
-110
+0
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
FREQUENCY (Hz)
20
20k
100
1k
10k
-110
+0
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
FREQUENCY (Hz)
20
20k
100
1k
10k
-110
+0
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
FREQUENCY (Hz)
20
20k
100
1k
10k
0.01
100
0.1
1
10
0.001
1
0.01
0.1
INPUT VOLTAGE (VP-P)
0.01
100
0.1
1
10
0.001
1
0.01
0.1
INPUT VOLTAGE (VP-P)
LMV1091
SNAS481C – OCTOBER 2009 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, TJ = 25°C, VDD = 3.3V, Input Voltage = 18mVP-P, f = 1kHz, pass through mode, Pre Amp gain =
20dB, Post Amp gain = 6dB, RL = 100kΩ, and CL = 4.7pF.
THD+N
THD+N
vs
vs
Input Voltage
Input Voltage
f = 1kHz
f = 1kHz
Mic1 Pass Through Mode
Mic2 Pass Through Mode
Figure 11.
Figure 12.
PSRR
PSRR
vs
vs
Frequency
Frequency
Pre Amp Gain = 20dB, Post Amp Gain = 6dB
Pre Amp Gain = 20dB, Post Amp Gain = 6dB
VRIPPLE = 100mVP-P, Mic1 = Mic2 = AC GND
VRIPPLE = 100mVP-P, Mic1 = Mic2 = AC GND
Mic1 Pass Through Mode
Mic2 Pass Through Mode
Figure 13.
Figure 14.
PSRR
vs
Frequency
Pre Amp Gain = 20dB, Post Amp Gain = 6dB
Far Field Noise Suppression Electrical
VRIPPLE = 100mVP-P, Mic1 = Mic2 = AC GND
vs
Noise Canceling Mode
Frequency
Figure 15.
Figure 16.
10
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LMV1091


Similar Part No. - LMV1091

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV1091 NSC-LMV1091 Datasheet
859Kb / 20P
   Dual Input, Far Field Noise Suppression Microphone Amplifier
LMV1091TM NSC-LMV1091TM Datasheet
859Kb / 20P
   Dual Input, Far Field Noise Suppression Microphone Amplifier
LMV1091TMX NSC-LMV1091TMX Datasheet
859Kb / 20P
   Dual Input, Far Field Noise Suppression Microphone Amplifier
More results

Similar Description - LMV1091

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV1091 NSC-LMV1091 Datasheet
859Kb / 20P
   Dual Input, Far Field Noise Suppression Microphone Amplifier
LMV1090 NSC-LMV1090 Datasheet
752Kb / 24P
   Dual Input, Far Field Noise Suppression Microphone Amplifier
logo
Texas Instruments
LMV1090 TI1-LMV1090 Datasheet
857Kb / 25P
[Old version datasheet]   LMV1090 Dual Input, Far Field Noise Suppression Microphone Amplifier
logo
National Semiconductor ...
LMV1088 NSC-LMV1088 Datasheet
1Mb / 22P
   Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Ability
logo
Texas Instruments
LMV1089 TI1-LMV1089 Datasheet
1Mb / 37P
[Old version datasheet]   Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Capability
logo
National Semiconductor ...
LMV1089 NSC-LMV1089 Datasheet
1Mb / 32P
   Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Capability
LMV1088 NSC-LMV1088_08 Datasheet
1Mb / 26P
   Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Ability
logo
Texas Instruments
LMV1088 TI1-LMV1088 Datasheet
1Mb / 30P
[Old version datasheet]   LMV1088 Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Ability
LMV1099 TI1-LMV1099 Datasheet
720Kb / 26P
[Old version datasheet]   Uplink Far Field Noise Suppression & Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
LMV1099 TI1-LMV1099_15 Datasheet
940Kb / 27P
[Old version datasheet]   LMV1099 Uplink Far Field Noise Suppression and Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com