Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6559 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6559
Description  High-Speed, Closed-Loop Buffer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6559 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH6559 Datasheet HTML 5Page - Texas Instruments LMH6559 Datasheet HTML 6Page - Texas Instruments LMH6559 Datasheet HTML 7Page - Texas Instruments LMH6559 Datasheet HTML 8Page - Texas Instruments LMH6559 Datasheet HTML 9Page - Texas Instruments LMH6559 Datasheet HTML 10Page - Texas Instruments LMH6559 Datasheet HTML 11Page - Texas Instruments LMH6559 Datasheet HTML 12Page - Texas Instruments LMH6559 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
0
1
2
3
4
5
6
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
TIME (ns)
VS = 10V
STEP = 3.3V
RL = 100:
-700 -525 -350 -175
0
175 350 525 700
DC OUTPUT VOLTAGE (mV)
-0.05
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
VS = 5V
RL = 150:
f = 3.58MHz
GAIN
PHASE
-0.020
-0.000
0.020
0.040
0.060
0.080
0.100
0.120
0.140
1M
10M
100M
1G
FREQUENCY (Hz)
-1.0
-0.5
0.0
0.5
1.0
RL = 100:
10V
3V
5V
+0.1dB
-0.1dB
-700 -525 -350 -175
0
175 350 525 700
DC OUTPUT VOLTAGE (mV)
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.10
0.12
VS = 10V
RL =150:
f =3.58MHz
GAIN
PHASE
-0.012
-0.006
0
0.006
0.012
0.018
0.024
0.030
0.036
1M
10M
100M
1G 2G
FREQUENCY (Hz)
-12
-9
-6
-3
0
3
VS = 10V
RL = 100:
VS = 5V
VS = 3V
100M
1G
3G
FREQUENCY (Hz)
-9
-6
-3
0
3
2G
-40°C
25°C
85°C
125°C
VS = 10V
RL = 100:
LMH6559
www.ti.com
SNOSA57C – APRIL 2003 – REVISED MARCH 2013
Typical Performance Charac teristics
At TJ = 25°C; V
+ = +5V; V= −5V; Unless otherwise specified.
Frequency Response
Frequency Response Over Temperature
Figure 4.
Figure 5.
Gain Flatness
Differential Gain and Phase
Figure 6.
Figure 7.
Differential Gain and Phase
Transient Response Positive
Figure 8.
Figure 9.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6559


Similar Part No. - LMH6559

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
LMH6559MA NSC-LMH6559MA Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
LMH6559MA NSC-LMH6559MA Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
LMH6559MAX NSC-LMH6559MAX Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
More results

Similar Description - LMH6559

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
BUF602IDBVTG4 TI-BUF602IDBVTG4 Datasheet
955Kb / 27P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
National Semiconductor ...
LMH6559 NSC-LMH6559_06 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
BUF602 TI-BUF602 Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
Analog Devices
BUF04 AD-BUF04 Datasheet
437Kb / 16P
   Closed-Loop High Speed Buffer
REV. 0
BUF04 AD-BUF04_15 Datasheet
365Kb / 16P
   Closed-Loop High Speed Buffer
REV. 0
logo
National Semiconductor ...
LMH6560 NSC-LMH6560_04 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
LMH6560 NSC-LMH6560 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
logo
Intersil Corporation
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
   Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
   Dual, High Speed, Low Power, Video Closed Loop Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com