Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6639 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6639
Description  LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6639 Datasheet(HTML) 4 Page - Texas Instruments

  LMH6639 Datasheet HTML 1Page - Texas Instruments LMH6639 Datasheet HTML 2Page - Texas Instruments LMH6639 Datasheet HTML 3Page - Texas Instruments LMH6639 Datasheet HTML 4Page - Texas Instruments LMH6639 Datasheet HTML 5Page - Texas Instruments LMH6639 Datasheet HTML 6Page - Texas Instruments LMH6639 Datasheet HTML 7Page - Texas Instruments LMH6639 Datasheet HTML 8Page - Texas Instruments LMH6639 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LMH6639
SNOS989G – JANUARY 2002 – REVISED MARCH 2013
www.ti.com
5V Electrical Characteristics
Unless otherwise specified, all limits ensured for at TJ = 25°C, V
+ = 5V, V= 0V, V
O = VCM = V
+/2, and R
L = 2kΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ (2)
Max(1)
Units
BW
−3dB BW
AV = +1
130
190
MHz
AV = −1
64
BW0.1dB
0.1dB Gain Flatness
RF = 2.51kΩ, RL = 1kΩ,
16.4
MHz
FPBW
Full Power Bandwidth
AV = +1, VOUT = 2VPP, −1dB
28
MHz
GBW
Gain Bandwidth Product
AV = +1
86
MHz
en
Input-Referred Voltage Noise
RF = 33kΩ
f = 10kHz
19
nV/
√Hz
f = 1MHz
16
in
Input-Referred Current Noise
RF = 1MΩ
f = 10KHz
1.35
pA/
√Hz
f = 1MHz
0.35
THD
Total Harmonic Distortion
f = 5MHz, VO = 2VPP, AV = +2
−60
dBc
RL = 1kΩ to V
+/2
DG
Differential Gain
NTSC, AV = +2
0.12
%
RL = 150Ω to V
+/2
DP
Differential Phase
NTSC, AV = +2
0.045
deg
RL = 150Ω to V
+/2
TS
Settling Time
VO = 2VPP, ±0.1%
33
ns
SR
Slew Rate
AV = −1
(3)
130
172
V/µs
VOS
Input Offset Voltage
1.02
5
mV
7
TC VOS
Input Offset Average Drift
See(4)
8
µV/°C
IB
Input Bias Current
See(5)
−1.2
−2.6
µA
−3.25
IOS
Input Offset Current
20
800
nA
1000
RIN
Common Mode Input Resistance
AV = +1, f = 1kHz, RS = 1MΩ
6.88
M
CIN
Common Mode Input
AV = +1, RS = 100kΩ
1.32
pF
Capacitance
CMVR
Common-Mode Input Voltage
CMRR
≥ 50dB
−0.3
−0.2
Range
−0.1
V
4
3.8
3.6
CMRR
Common Mode Rejection Ratio
See(6)
72
95
dB
AVOL
Large Signal Voltage Gain
VO = 4VPP
86
100
RL = 2kΩ to V
+/2
82
dB
VO = 3.75VPP
74
77
RL = 150Ω to V
+/2
70
VO
Output Swing
RL = 2kΩ to V
+/2, V
ID = 200mV
4.90
4.97
High
RL = 150Ω to V
+/2, V
ID = 200mV
4.65
4.90
V
RL = 50Ω to V
+/2, V
ID = 200mV
4.40
4.77
Output Swing
RL = 2kΩ to V
+/2, V
ID = −200mV
25
100
Low
RL = 150Ω to V
+/2, V
ID = −200mV
85
200
mV
RL = 50Ω to V
+/2, V
ID = −200mV
190
400
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
Slew rate is the average of the rising and falling slew rates.
(4)
Offset voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
(6)
f
≤ 1kHz (see typical performance Characteristics)
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMH6639


Similar Part No. - LMH6639

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6639 NSC-LMH6639 Datasheet
649Kb / 17P
   190MHz Rail-to-Rail Output Amplifier with Disable
logo
Texas Instruments
LMH6639 TI1-LMH6639 Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
LMH6639 TI1-LMH6639 Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
LMH6639-MIL TI1-LMH6639-MIL Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
logo
National Semiconductor ...
LMH6639MA NSC-LMH6639MA Datasheet
649Kb / 17P
   190MHz Rail-to-Rail Output Amplifier with Disable
More results

Similar Description - LMH6639

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6639 NSC-LMH6639_14 Datasheet
1Mb / 26P
   LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
LMH6639 NSC-LMH6639 Datasheet
649Kb / 17P
   190MHz Rail-to-Rail Output Amplifier with Disable
logo
Texas Instruments
LMH6639 TI1-LMH6639_17 Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
LMH6639 TI1-LMH6639 Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
logo
Analog Devices
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
logo
National Semiconductor ...
LMV422 NSC-LMV422 Datasheet
761Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier with
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Exar Corporation
LMV321 EXAR-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com