Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6628WGFQMLV Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6628WGFQMLV
Description  Dual Wideband, Low Noise, Voltage Feedback Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6628WGFQMLV Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH6628WGFQMLV Datasheet HTML 7Page - Texas Instruments LMH6628WGFQMLV Datasheet HTML 8Page - Texas Instruments LMH6628WGFQMLV Datasheet HTML 9Page - Texas Instruments LMH6628WGFQMLV Datasheet HTML 10Page - Texas Instruments LMH6628WGFQMLV Datasheet HTML 11Page - Texas Instruments LMH6628WGFQMLV Datasheet HTML 12Page - Texas Instruments LMH6628WGFQMLV Datasheet HTML 13Page - Texas Instruments LMH6628WGFQMLV Datasheet HTML 14Page - Texas Instruments LMH6628WGFQMLV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Coax Cable
Vin
Rin
Rf
Vout
A2
Rg
R
R
B1
Vin
Vout
Rf
Rg
Rin
B2
-
-
-
-
+
+
+
+
d
1 d
T
;
360 df
I
TIME (10 ns/DIV)
VIN
VOUT
LMH6628QML
www.ti.com
SNOSAQ1B – DECEMBER 2010 – REVISED MAY 2013
Figure 30. Delay Circuit Response to 0.5V Pulse
The circuit gain is +1 and the delay is determined by the following equations.
(1)
where
Td is the delay of the op amp at AV = +1
(2)
The LMH6628QML provides a typical delay of 2.8ns at its
−3dB point.
FULL DUPLEX DIGITAL OR ANALOG TRANSMISSION
Simultaneous transmission and reception of analog or digital signals over a single coaxial cable or twisted-pair
line can reduce cabling requirements. The LMH6628's wide bandwidth and high common-mode rejection in a
differential amplifier configuration allows full duplex transmission of video, telephone, control and audio signals.
In the circuit shown in Figure 31, one of the LMH6628's amps is used as a "driver" and the other as a difference
"receiver" amplifier. The output impedance of the "driver" is essentially zero. The two R's are chosen to match
the characteristic impedance of the transmission line. The "driver" op amp gain can be selected for unity or
greater.
Receiver amplifier A2 (B2) is connected across R and forms differential amplifier for the signals transmitted by
driver A2 (B2). If RF equals RG, receiver A2 (B1) will then reject the signals from driver A1 (B1) and pass the
signals from driver B1 (A1).
Figure 31. Full Duplex Transmit and Receive using the LMH6628
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH6628QML


Similar Part No. - LMH6628WGFQMLV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6628WGFQMLV NSC-LMH6628WGFQMLV Datasheet
176Kb / 12P
   DUAL WIDEBAND, LOW-NOISE, VOLTAGE FEEDBACK OP AMP, GUARANTEED TO 300k rd (si) TESTED TO MIL-STD-883, METHOD 1019
logo
Texas Instruments
LMH6628WGFQMLV TI1-LMH6628WGFQMLV Datasheet
450Kb / 18P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
More results

Similar Description - LMH6628WGFQMLV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
   Dual Wideband, Low-Noise, Voltage Feedback Op Amp
LMH6628 NSC-LMH6628 Datasheet
513Kb / 11P
   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML Datasheet
450Kb / 18P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
   Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628 TI1-LMH6628 Datasheet
1Mb / 21P
[Old version datasheet]   LMH6628 Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
LMH6628EP NSC-LMH6628EP Datasheet
534Kb / 16P
   Enhanced Plastic Dual Wideband, Low Noise, Voltage Feedback Op Amp
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
   Dual Low-Noise, Voltage Feedback Op Amp
MNLMH6624-X NSC-MNLMH6624-X Datasheet
180Kb / 12P
   ULTRA LOW NOISE WIDEBAND OP AMP
CLC425 NSC-CLC425 Datasheet
1Mb / 9P
   Ultra Low Noise Wideband Op Amp
logo
Texas Instruments
CLC425 TI1-CLC425 Datasheet
1Mb / 18P
[Old version datasheet]   Ultra Low Noise Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com