Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6654 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6654
Description  LMH6654, LMH6655 Single and Dual Low Power, 250 MHz, Low Noise Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6654 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6654 Datasheet HTML 3Page - Texas Instruments LMH6654 Datasheet HTML 4Page - Texas Instruments LMH6654 Datasheet HTML 5Page - Texas Instruments LMH6654 Datasheet HTML 6Page - Texas Instruments LMH6654 Datasheet HTML 7Page - Texas Instruments LMH6654 Datasheet HTML 8Page - Texas Instruments LMH6654 Datasheet HTML 9Page - Texas Instruments LMH6654 Datasheet HTML 10Page - Texas Instruments LMH6654 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
LMH6654, LMH6655
www.ti.com
SNOS956E – JUNE 2001 – REVISED AUGUST 2014
6.6 5V Electrical Characteristics
Unless otherwise specified, all limits ensured for V
+ = +5V, V= −0V, V
CM = 2.5V, AV = +1, RF = 25 Ω for gain = +1,
RF = 402Ω for gain ≥ +2, and RL = 100Ω to V
+/2. Boldface limits apply at the temperature extremes.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
DYNAMIC PERFORMANCE
AV = +1
230
AV = +2
120
fCL
Close Loop Bandwidth
MHz
AV = +5
50
AV = +10
25
GBWP
Gain Bandwidth Product
AV ≥ +5
250
MHz
Bandwidth for 0.1 dB Flatness
AV = +1
17
MHz
φm
Phase Margin
48
deg
SR
Slew Rate (3)
AV = +1, VIN = 2 VPP
190
V/µs
Settling Time
ns
30
0.01%
tS
AV = +1, 2V Step
0.1%
20
ns
tr
Rise Time
AV = +1, 0.2V Step
1.5
ns
tf
Fall Time
AV = +1, 0.2V Step
1.35
ns
DISTORTION and NOISE RESPONSE
en
Input Referred Voltage Noise
f
≥ 0.1 MHz
4.5
nV/
√Hz
in
Input Referred Current Noise
f
≥ 0.1 MHz
1.7
pA/
√Hz
Second Harmonic Distortion
AV = +1, f = 5 MHz
−65
dBc
Third Harmonic Distortion
VO = 2 VPP, RL = 100Ω
−70
Xt
Crosstalk (for LMH6655 only)
Input Referred, 5 MHz
−78
dB
INPUT CHARACTERISTICS
−5
5
VOS
Input Offset Voltage
VCM = 2.5V
±2
mV
−6.5
6.5
TC VOS
Input Offset Average Drift
VCM = 2.5V
(4)
6
µV/°C
12
IB
Input Bias Current
VCM = 2.5V
6
µA
18
−2
2
IOS
Input Offset Current
VCM = 2.5V
0.5
µA
−3
3
Common Mode
4
M
RIN
Input Resistance
Differential Mode
20
k
Common Mode
1.8
CIN
Input Capacitance
pF
Differential Mode
1
Input Referred,
70
CMRR
Common Mode Rejection Ration
90
dB
VCM = 0V to −2.5V
68
CMRR
≥ 50 dB
−0.15
0
CMVR
Input Common Mode Voltage Range
V
3.5
3.7
TRANSFER CHARACTERISTICS
VO = 1.6 VPP, RL = 100Ω
58
AVOL
Large Signal Voltage Gain
64
dB
55
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical Values represent the most likely parametric norm.
(3)
Slew rate is the slower of the rising and falling slew rates. Slew rate is rate of change from 10% to 90% of output voltage step.
(4)
Offset voltage average drift is determined by dividing the change in VOS at temperature extremes into the total temperature change.
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6654 LMH6655


Similar Part No. - LMH6654

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6654 NSC-LMH6654 Datasheet
652Kb / 17P
   Single/Dual Low Power, 250 MHz, Low Noise Amplifiers
LMH6654MA NSC-LMH6654MA Datasheet
652Kb / 17P
   Single/Dual Low Power, 250 MHz, Low Noise Amplifiers
LMH6654MAX NSC-LMH6654MAX Datasheet
652Kb / 17P
   Single/Dual Low Power, 250 MHz, Low Noise Amplifiers
LMH6654MF NSC-LMH6654MF Datasheet
652Kb / 17P
   Single/Dual Low Power, 250 MHz, Low Noise Amplifiers
LMH6654MFX NSC-LMH6654MFX Datasheet
652Kb / 17P
   Single/Dual Low Power, 250 MHz, Low Noise Amplifiers
More results

Similar Description - LMH6654

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6654 NSC-LMH6654 Datasheet
652Kb / 17P
   Single/Dual Low Power, 250 MHz, Low Noise Amplifiers
logo
Texas Instruments
LMP7715 TI-LMP7715_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7712 TI-LMP7712_15 Datasheet
918Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMP7712 NSC-LMP7712 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
LMP7716 TI-LMP7716_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMP7715 NSC-LMP7715 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
LMP7711 TI1-LMP7711 Datasheet
968Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com