Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6628QML-SP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6628QML-SP
Description  Dual Wideband, Low Noise, Voltage Feedback Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6628QML-SP Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6628QML-SP Datasheet HTML 6Page - Texas Instruments LMH6628QML-SP Datasheet HTML 7Page - Texas Instruments LMH6628QML-SP Datasheet HTML 8Page - Texas Instruments LMH6628QML-SP Datasheet HTML 9Page - Texas Instruments LMH6628QML-SP Datasheet HTML 10Page - Texas Instruments LMH6628QML-SP Datasheet HTML 11Page - Texas Instruments LMH6628QML-SP Datasheet HTML 12Page - Texas Instruments LMH6628QML-SP Datasheet HTML 13Page - Texas Instruments LMH6628QML-SP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LM7121
LMH6628
LMH6628
VIN
499:
499:
499:
499:
VOUT
Rf
C
R
C
R
-
+
-
+
+
-
½
½
LMH6628QML
SNOSAQ1B – DECEMBER 2010 – REVISED MAY 2013
www.ti.com
APPLICATION SECTION
LOW NOISE DESIGN
Ultimate low noise performance from circuit designs using the LMH6628 requires the proper selection of external
resistors. By selecting appropriate low valued resistors for RF and RG, amplifier circuits using the LMH6628 can
achieve output noise that is approximately the equivalent voltage input noise of 2nV/
√Hz multiplied by the desired
gain (AV).
DC BIAS CURRENTS AND OFFSET VOLTAGES
Cancellation of the output offset voltage due to input bias currents is possible with the LMH6628. This is done by
making the resistance seen from the inverting and non-inverting inputs equal. Once done, the residual output
offset voltage will be the input offset voltage (VOS) multiplied by the desired gain (AV). Texas Application Note
OA-07 offers several solutions to further reduce the output offset.
OUTPUT AND SUPPLY CONSIDERATIONS
With ±5V supplies, the LMH6628 is capable of a typical output swing of ±3.8V under a no-load condition.
Additional output swing is possible with slightly higher supply voltages. For loads of less than 50
Ω, the output
swing will be limited by the LMH6628's output current capability, typically 85mA.
Output settling time when driving capacitive loads can be improved by the use of a series output resistor. See the
plot labeled Figure 23 in the TYPICAL PERFORMANCE CHARACTERISTICS.
LAYOUT
Proper power supply bypassing is critical to insure good high frequency performance and low noise. De-coupling
capacitors of 0.1
μF should be placed as close as possible to the power supply pins. The use of surface mounted
capacitors is recommended due to their low series inductance.
A good high frequency layout will keep power supply and ground traces away from the inverting input and output
pins. Parasitic capacitance from these nodes to ground causes frequency response peaking and possible circuit
oscillation. See OA-15 for more information. Texas Instruments suggests the LMH730036 (SOIC) dual op amp
evaluation board as a guide for high frequency layout and as an aid in device evaluation.
ANALOG DELAY CIRCUIT (ALL-PASS NETWORK)
The circuit in Figure 29 implements an all-pass network using the LMH6628. A wide bandwidth buffer (LM7121)
drives the circuit and provides a high input impedance for the source. As shown in Figure 30, the circuit provides
a 13.1ns delay (with R = 40.2
Ω, C = 47pF). RF and RG should be of equal and low value for parasitic insensitive
operation.
Figure 29. Circuit That Implements an All-pass Network Using the LMH6628
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMH6628QML


Similar Part No. - LMH6628QML-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML Datasheet
450Kb / 18P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
More results

Similar Description - LMH6628QML-SP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
   Dual Wideband, Low-Noise, Voltage Feedback Op Amp
LMH6628 NSC-LMH6628 Datasheet
513Kb / 11P
   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML Datasheet
450Kb / 18P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
   Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628 TI1-LMH6628 Datasheet
1Mb / 21P
[Old version datasheet]   LMH6628 Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
LMH6628EP NSC-LMH6628EP Datasheet
534Kb / 16P
   Enhanced Plastic Dual Wideband, Low Noise, Voltage Feedback Op Amp
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
   Dual Low-Noise, Voltage Feedback Op Amp
MNLMH6624-X NSC-MNLMH6624-X Datasheet
180Kb / 12P
   ULTRA LOW NOISE WIDEBAND OP AMP
CLC425 NSC-CLC425 Datasheet
1Mb / 9P
   Ultra Low Noise Wideband Op Amp
logo
Texas Instruments
CLC425 TI1-CLC425 Datasheet
1Mb / 18P
[Old version datasheet]   Ultra Low Noise Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com