Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25AA02E48 Datasheet(PDF) 2 Page - Microchip Technology

Part # 25AA02E48
Description  2K SPI Bus Serial EEPROMs with EUI-48??or EUI-64??Node Identity
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA02E48 Datasheet(HTML) 2 Page - Microchip Technology

  25AA02E48_16 Datasheet HTML 1Page - Microchip Technology 25AA02E48_16 Datasheet HTML 2Page - Microchip Technology 25AA02E48_16 Datasheet HTML 3Page - Microchip Technology 25AA02E48_16 Datasheet HTML 4Page - Microchip Technology 25AA02E48_16 Datasheet HTML 5Page - Microchip Technology 25AA02E48_16 Datasheet HTML 6Page - Microchip Technology 25AA02E48_16 Datasheet HTML 7Page - Microchip Technology 25AA02E48_16 Datasheet HTML 8Page - Microchip Technology 25AA02E48_16 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
25AA02E48/25AA02E64
DS20002123F-page 2
 2008-2016 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs w.r.t. VSS ......................................................................................................... -0.6V to VCC +1.0V
Storage temperature .................................................................................................................................-65°C to 150°C
Ambient temperature under bias .................................................................................................................-40°C to 85°C
ESD protection on all pins .......................................................................................................................................... 4 kV
TABLE 1-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for an
extended period of time may affect device reliability.
DC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C
VCC = 1.8V to 5.5V
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Test Conditions
D1
VIH1
High-Level Input Voltage
0.7 VCC
VCC +1
V
D2
VIL1
Low-Level Input Voltage
-0.3
0.3 VCC
VVCC
2.7V (Note 1)
D3
VIL2
Low-Level Input Voltage
-0.3
0.2 VCC
VVCC < 2.7V (Note 1)
D4
VOL
Low-Level Output Voltage
0.4
V
IOL = 2.1 mA
D5
VOL
Low-Level Output Voltage
0.2
V
IOL = 1.0 mA, VCC < 2.5V
D6
VOH
High-Level Output Voltage
VCC -0.5
V
IOH = -400 µA
D7
ILI
Input Leakage Current
±1
µA
CS =VCC, VIN =VSS or VCC
D8
ILO
Output Leakage Current
±1
µA
CS = VCC, VOUT = VSS or VCC
D9
CINT
Internal Capacitance
(all inputs and outputs)
—7
pF
TA = 25°C, CLK = 1.0 MHz,
VCC =5.0V (Note 1)
D10
ICCREAD
Operating Current
5
mA
VCC = 5.5V; FCLK = 10.0 MHz,
SO = Open
2.5
mA
VCC = 2.5V; FCLK =5.0 MHz,
SO = Open
D11
ICCWRITE Operating Current
5
mA
VCC = 5.5V
—3
mA
VCC = 2.5V
D12
ICCS
Standby Current
1
µA
CS = VCC = 2.5V, Inputs tied to
VCC or VSS, TA = +85°C
Note 1: This parameter is periodically sampled and not 100% tested.


Similar Part No. - 25AA02E48_16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA02E48 MICROCHIP-25AA02E48_10 Datasheet
485Kb / 26P
   2K SPI Bus Serial EEPROM with EUI-48??Node Identity
2010
25AA02E48 MICROCHIP-25AA02E48_13 Datasheet
626Kb / 28P
   2K SPI Bus Serial EEPROMs with EUI-48??or EUI-64??Node Identity
2008-2013
More results

Similar Description - 25AA02E48_16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA02E48 MICROCHIP-25AA02E48_13 Datasheet
626Kb / 28P
   2K SPI Bus Serial EEPROMs with EUI-48??or EUI-64??Node Identity
2008-2013
24AA02E48 MICROCHIP-24AA02E48_13 Datasheet
632Kb / 30P
   2K I2C??Serial EEPROMs with EUI-48??or EUI-64??Node Identity
2008-2013
24AA02E48 MICROCHIP-24AA02E48_16 Datasheet
450Kb / 32P
   2K I2C Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
11AA02E48 MICROCHIP-11AA02E48_16 Datasheet
494Kb / 32P
   2K UNI/O짰 Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
24AA025E48-I MICROCHIP-24AA025E48-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48??Node Identity
01/05/10
24AA025E48 MICROCHIP-24AA025E48 Datasheet
513Kb / 28P
   2K I2C??Serial EEPROMs with EUI-48??Node Identity
2010
24AA025E48T-I MICROCHIP-24AA025E48T-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48 Node Identity
01/05/10
25AA02E48 MICROCHIP-25AA02E48_10 Datasheet
485Kb / 26P
   2K SPI Bus Serial EEPROM with EUI-48??Node Identity
2010
25AA02E48 MICROCHIP-25AA02E48 Datasheet
311Kb / 20P
   2K SPI Bus Serial EEPROM with EUI-48??Node Identity
2008
11AA02E64 MICROCHIP-11AA02E64 Datasheet
589Kb / 31P
   2K UNI/O® Serial EEPROMs with EUI-48™ or EUI-64™ Node Identity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com