Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6655MA Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6655MA
Description  LMH6654, LMH6655 Single and Dual Low Power, 250 MHz, Low Noise Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6655MA Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH6655MA Datasheet HTML 5Page - Texas Instruments LMH6655MA Datasheet HTML 6Page - Texas Instruments LMH6655MA Datasheet HTML 7Page - Texas Instruments LMH6655MA Datasheet HTML 8Page - Texas Instruments LMH6655MA Datasheet HTML 9Page - Texas Instruments LMH6655MA Datasheet HTML 10Page - Texas Instruments LMH6655MA Datasheet HTML 11Page - Texas Instruments LMH6655MA Datasheet HTML 12Page - Texas Instruments LMH6655MA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
4
5
6
7
8
9
10
11
12
SUPPLY VOLTAGE (V)
4.1
4.3
4.4
4.5
4.6
4.7
5
85°C
-40°C
25°C
4.8
4.2
4.9
-60
-40
-20
0
20
40
60
80
100
TEMPERATURE (°C)
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
VS = ±5V
VS = 5V
1M
10M
100M
1G
FREQUENCY (dB)
-26
-21
-16
-11
-6
-1
4
9
14
19
24
VS = ±2.5V
VS = ±5V
1M
10M
100M
1G
FREQUENCY (Hz)
-25
-20
-15
-10
-5
0
5
10
15
20
25
VS = ±5V
VS = ±2.5V
1M
10M
100M
1G
FREQUENCY (Hz)
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
VS = ±2.5V
VS = ±5V
1M
10M
100M
1G
FREQUENCY (Hz)
-21
-18
-15
-12
-9
-6
-3
0
3
6
9
VS = ±2.5V
VS = ±5V
LMH6654, LMH6655
www.ti.com
SNOS956E – JUNE 2001 – REVISED AUGUST 2014
6.7 Typical Characteristics
25°C, V
+ = ±5 V, V= −5, R
F = 25 Ω for gain = +1, RF = 402 Ω for gain ≥ +2 and RL = 100 Ω, unless otherwise specified.
Figure 2. Closed Loop Bandwidth (G = +1)
Figure 3. Closed Loop Bandwidth (G = +2)
Figure 4. Closed Loop Bandwidth (G = +5)
Figure 5. Closed Loop Bandwidth (G = +10)
Figure 6. Supply Current per Channel
Figure 7. Supply Current per Channel
vs. Supply Voltage
vs. Temperature
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6654 LMH6655


Similar Part No. - LMH6655MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6655MA NSC-LMH6655MA Datasheet
652Kb / 17P
   Single/Dual Low Power, 250 MHz, Low Noise Amplifiers
LMH6655MAX NSC-LMH6655MAX Datasheet
652Kb / 17P
   Single/Dual Low Power, 250 MHz, Low Noise Amplifiers
More results

Similar Description - LMH6655MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6654 NSC-LMH6654 Datasheet
652Kb / 17P
   Single/Dual Low Power, 250 MHz, Low Noise Amplifiers
logo
Texas Instruments
LMP7715 TI-LMP7715_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7712 TI-LMP7712_15 Datasheet
918Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMP7712 NSC-LMP7712 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
LMP7716 TI-LMP7716_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMP7715 NSC-LMP7715 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
LMP7711 TI1-LMP7711 Datasheet
968Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com