Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS05-165 Datasheet(PDF) 2 Page - Sumida Corporation

Part # PS05-165
Description  Current Sense Type: SCR Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

PS05-165 Datasheet(HTML) 2 Page - Sumida Corporation

  PS05-165 Datasheet HTML 1Page - Sumida Corporation PS05-165 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Current Sense <Pin Type: SCR Series>
Type: SCR1021
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
No.
Sample No.
Turns
Ratio
Secondary L
10kHz/0.1V
[Within]
D.C.R. Sec.
(
Ω Max.)
Current
1 turn Pri.
(A)
Hi-pot(Pri.-Sec.)
(50/60Hz)
Schematic
01
PS05-163
1:50
7.70mH±35%
0.72
20
AC4000Vrms
A
02
PS05-164
1:100
30.9mH±35%
1.50
20
AC4000Vrms
A
03
PS05-165
1:150
69.5mH±35%
2.80
20
AC4000Vrms
A
04
PS05-166
1:200
123.6mH±35%
4.80
20
AC4000Vrms
A
05
PS05-167
1:250
193.0mH±35%
7.50
20
AC4000Vrms
A
06
PS05-168
1:300
278.0mH±35%
11.0
20
AC4000Vrms
A
07
PS05-169
1:400
494.5mH±35%
18.6
20
AC4000Vrms
A
08
PS05-170
1:25:25
1.93mH±35%
0.40
20
AC4000Vrms
B
09
PS05-171
1:50:50
7.70mH±35%
0.75
20
AC4000Vrms
B
10
PS05-172
1:100:100
30.9mH±35%
2.50
20
AC4000Vrms
B
11
PS05-173
1:150:150
69.5mH±35%
5.50
20
AC4000Vrms
B


Similar Part No. - PS05-165

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
PS05-165 SUMIDA-PS05-165 Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
More results

Similar Description - PS05-165

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CS1022 SUMIDA-CS1022 Datasheet
112Kb / 1P
   Current Sense
CS1420 SUMIDA-CS1420 Datasheet
172Kb / 1P
   Current Sense Transformer
logo
E&E Magnetic Products L...
833-00016 EEMAGNETIC-833-00016 Datasheet
58Kb / 3P
   CURRENT SENSE TRANSFORMER,SMT, 12 PIN
833-00048 EEMAGNETIC-833-00048 Datasheet
38Kb / 3P
   INDUCTOR, CURRENT SENSE, TH,2 PIN
logo
Sumida Corporation
CEEH55 SUMIDA-CEEH55 Datasheet
127Kb / 1P
   Current Sense Transformer
CEEH1310 SUMIDA-CEEH1310 Datasheet
145Kb / 2P
   Current Sense Transformer
logo
E&E Magnetic Products L...
833-00054 EEMAGNETIC-833-00054 Datasheet
92Kb / 3P
   INDUCTOR, CURRENT SENSE, TH,4 PIN
logo
Caddock Electronics, In...
SR10 CADDOCK-SR10_17 Datasheet
355Kb / 1P
   Type SR Precision Current Sense Resistors
SR10 CADDOCK-SR10 Datasheet
427Kb / 1P
   Type SR Precision Current Sense Resistors
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com