Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM832-SERIES Datasheet(PDF) 4 Page - ELM Electronics

Part # ELM832-SERIES
Description  CMOS Low power operational amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM832-SERIES Datasheet(HTML) 4 Page - ELM Electronics

  ELM832-SERIES Datasheet HTML 1Page - ELM Electronics ELM832-SERIES Datasheet HTML 2Page - ELM Electronics ELM832-SERIES Datasheet HTML 3Page - ELM Electronics ELM832-SERIES Datasheet HTML 4Page - ELM Electronics ELM832-SERIES Datasheet HTML 5Page - ELM Electronics ELM832-SERIES Datasheet HTML 6Page - ELM Electronics ELM832-SERIES Datasheet HTML 7Page - ELM Electronics ELM832-SERIES Datasheet HTML 8Page - ELM Electronics ELM832-SERIES Datasheet HTML 9Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
9 -
Rev.1.0
http://www.elm-tech.com
■Typical characteristics
ELM832xC CMOS Low power operational amplifier
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
5
10
15
20
25
30
35
40
Top=+25�
Top=+85�
Iss-Vdd
Vdd (V)
Top=-40�
Unity Gain, Vcm=Vdd/2, No load
-40
-20
0
20
40
60
80
0
5
10
15
20
25
30
35
40
Vdd=1.5V
Vdd=6.0V
Iss-Top
Top (�)
Vdd=1.2V
Unity Gain, Vcm=Vdd/2, No load
Vdd=3.0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
35
40
Top=+25�
Top=+85�
Iss-Vcm
Vcm (V)
Top=-40�
Unity Gain, Vdd=3.0V, No load
-6.0 -4.0 -2.0
0.0
2.0
4.0
6.0
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
Offset Voltage distribution
Offset Voltage (mV)
Unity Gain, Vdd=3.0V, Vcm=1.5V,
No load, Top=25�
0.001 0.01
0.1
1
10
100 1000
-20
0
20
40
60
80
100
120
Vdd=1.5V
Vdd=6.0V
Avd-Frequency
Frequency (kHz)
Vdd=1.2V
Vdd=3.0V
Vcm=Vdd/2, 10k ���load, Top=25 �
0.001 0.01
0.1
1
10
100 1000
-20
0
20
40
60
80
100
120
Top=+85�
Avd-Frequency
Frequency (kHz)
Top=-40�
Top=+25�
Vdd=3.0V, Vcm=1.5V, 10k ���load
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
5
10
15
20
25
30
35
40
Top=+25�
Top=+85�
Iss-Vdd
Vdd (V)
Top=-40�
Unity Gain, Vcm=Vdd/2, No load
-40
-20
0
20
40
60
80
0
5
10
15
20
25
30
35
40
Vdd=1.5V
Vdd=6.0V
Iss-Top
Top (�)
Vdd=1.2V
Unity Gain, Vcm=Vdd/2, No load
Vdd=3.0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
35
40
Top=+25�
Top=+85�
Iss-Vcm
Vcm (V)
Top=-40�
Unity Gain, Vdd=3.0V, No load
-6.0 -4.0 -2.0
0.0
2.0
4.0
6.0
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
Offset Voltage distribution
Offset Voltage (mV)
Unity Gain, Vdd=3.0V, Vcm=1.5V,
No load, Top=25�
0.001 0.01
0.1
1
10
100 1000
-20
0
20
40
60
80
100
120
Vdd=1.5V
Vdd=6.0V
Avd-Frequency
Frequency (kHz)
Vdd=1.2V
Vdd=3.0V
Vcm=Vdd/2, 10k ���load, Top=25 �
0.001 0.01
0.1
1
10
100 1000
-20
0
20
40
60
80
100
120
Top=+85�
Avd-Frequency
Frequency (kHz)
Top=-40�
Top=+25�
Vdd=3.0V, Vcm=1.5V, 10k ���load


Similar Part No. - ELM832-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM832 ELM-TECH-ELM832 Datasheet
1Mb / 10P
   20關A Low power CMOS operational amplifier
ELM832B ELM-TECH-ELM832B Datasheet
118Kb / 10P
   CMOS Low power operational amplifier
logo
ELM Electronics
ELM832B ELM-ELM832B Datasheet
947Kb / 10P
   CMOS Low power operational amplifier
logo
ELM Technology Corporat...
ELM832BW ELM-TECH-ELM832BW Datasheet
119Kb / 10P
   CMOS Low power dual operational amplifier
logo
ELM Electronics
ELM832BW ELM-ELM832BW Datasheet
926Kb / 10P
   CMOS Low power dual operational amplifier
More results

Similar Description - ELM832-SERIES

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPC661 NSC-LPC661_14 Datasheet
363Kb / 17P
   Low Power CMOS Operational Amplifier
LPC661 NSC-LPC661 Datasheet
311Kb / 13P
   Low Power CMOS Operational Amplifier
logo
ELM Electronics
ELM832B ELM-ELM832B Datasheet
947Kb / 10P
   CMOS Low power operational amplifier
logo
ELM Technology Corporat...
ELM832B ELM-TECH-ELM832B Datasheet
118Kb / 10P
   CMOS Low power operational amplifier
logo
ELM Electronics
ELM842-SERIES ELM-ELM842-SERIES Datasheet
937Kb / 10P
   CMOS Low power operational amplifier
ELM842B ELM-ELM842B Datasheet
364Kb / 4P
   CMOS Low power operational amplifier
ELM832BW ELM-ELM832BW Datasheet
926Kb / 10P
   CMOS Low power dual operational amplifier
logo
National Semiconductor ...
LMC6024 NSC-LMC6024 Datasheet
315Kb / 14P
   Low Power CMOS Quad Operational Amplifier
LPC660 NSC-LPC660 Datasheet
603Kb / 17P
   Low Power CMOS Quad Operational Amplifier
LMC6022 NSC-LMC6022 Datasheet
339Kb / 16P
   Low Power CMOS Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com