Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM842-SERIES Datasheet(PDF) 9 Page - ELM Electronics

Part # ELM842-SERIES
Description  CMOS Low power operational amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM842-SERIES Datasheet(HTML) 9 Page - ELM Electronics

Back Button ELM842-SERIES Datasheet HTML 2Page - ELM Electronics ELM842-SERIES Datasheet HTML 3Page - ELM Electronics ELM842-SERIES Datasheet HTML 4Page - ELM Electronics ELM842-SERIES Datasheet HTML 5Page - ELM Electronics ELM842-SERIES Datasheet HTML 6Page - ELM Electronics ELM842-SERIES Datasheet HTML 7Page - ELM Electronics ELM842-SERIES Datasheet HTML 8Page - ELM Electronics ELM842-SERIES Datasheet HTML 9Page - ELM Electronics ELM842-SERIES Datasheet HTML 10Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
10 -
Rev.1.0
http://www.elm-tech.com
ELM842xC CMOS Low power operational amplifier
1.0
2.0
3.0
4.0
5.0
6.0
0
50
100
150
200
Top=+25�
Top=+85�
Short Circuit Current-Vdd
Vdd (V)
Top=-40�
Vout to Vss short, Vid=100mV
1.0
2.0
3.0
4.0
5.0
6.0
0
20
40
60
80
100
120
Top=+25�
Top=+85�
Short Circuit Current-Vdd
Vdd (V)
Top=-40�
Vout to Vdd short, Vid=100mV
0.1
1
10
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Top=+25�
Maximum Vout-RL [Vdd=1.2V]
RL (k��
Top=-40�
RL is connected between Vout and Vss.
Top=+85�
Vid=100mV
0.1
1
10
100
1000
0.0
0.5
1.0
1.5
2.0
Top=+25�
Maximum Vout-RL [Vdd=1.5V]
RL (k��
Top=-40�
RL is connected between Vout and Vss.
Top=+85�
Vid=100mV
0.1
1
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Top=+25�
Maximum Vout-RL [Vdd=3.0V]
RL (k��
Top=-40�
RL is connected between Vout and Vss.
Top=+85�
Vid=100mV
0.1
1
10
100
1000
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Top=+25�
Maximum Vout-RL [Vdd=6.0V]
RL (k��
Top=-40�
RL is connected between Vout and Vss.
Top=+85�
Vid=100mV
1.0
2.0
3.0
4.0
5.0
6.0
0
50
100
150
200
Top=+25�
Top=+85�
Short Circuit Current-Vdd
Vdd (V)
Top=-40�
Vout to Vss short, Vid=100mV
1.0
2.0
3.0
4.0
5.0
6.0
0
20
40
60
80
100
120
Top=+25�
Top=+85�
Short Circuit Current-Vdd
Vdd (V)
Top=-40�
Vout to Vdd short, Vid=100mV
0.1
1
10
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Top=+25�
Maximum Vout-RL [Vdd=1.2V]
RL (k��
Top=-40�
RL is connected between Vout and Vss.
Top=+85�
Vid=100mV
0.1
1
10
100
1000
0.0
0.5
1.0
1.5
2.0
Top=+25�
Maximum Vout-RL [Vdd=1.5V]
RL (k��
Top=-40�
RL is connected between Vout and Vss.
Top=+85�
Vid=100mV
0.1
1
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Top=+25�
Maximum Vout-RL [Vdd=3.0V]
RL (k��
Top=-40�
RL is connected between Vout and Vss.
Top=+85�
Vid=100mV
0.1
1
10
100
1000
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Top=+25�
Maximum Vout-RL [Vdd=6.0V]
RL (k��
Top=-40�
RL is connected between Vout and Vss.
Top=+85�
Vid=100mV


Similar Part No. - ELM842-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM842 ELM-TECH-ELM842 Datasheet
1Mb / 10P
   140關A Low power class-A output CMOS operational amplifier
ELM842B ELM-TECH-ELM842B Datasheet
67Kb / 4P
   CMOS Operational amplifier
logo
ELM Electronics
ELM842B ELM-ELM842B Datasheet
364Kb / 4P
   CMOS Low power operational amplifier
More results

Similar Description - ELM842-SERIES

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPC661 NSC-LPC661_14 Datasheet
363Kb / 17P
   Low Power CMOS Operational Amplifier
LPC661 NSC-LPC661 Datasheet
311Kb / 13P
   Low Power CMOS Operational Amplifier
logo
ELM Electronics
ELM832B ELM-ELM832B Datasheet
947Kb / 10P
   CMOS Low power operational amplifier
logo
ELM Technology Corporat...
ELM832B ELM-TECH-ELM832B Datasheet
118Kb / 10P
   CMOS Low power operational amplifier
logo
ELM Electronics
ELM832-SERIES ELM-ELM832-SERIES Datasheet
879Kb / 9P
   CMOS Low power operational amplifier
ELM842B ELM-ELM842B Datasheet
364Kb / 4P
   CMOS Low power operational amplifier
ELM832BW ELM-ELM832BW Datasheet
926Kb / 10P
   CMOS Low power dual operational amplifier
logo
National Semiconductor ...
LMC6024 NSC-LMC6024 Datasheet
315Kb / 14P
   Low Power CMOS Quad Operational Amplifier
LPC660 NSC-LPC660 Datasheet
603Kb / 17P
   Low Power CMOS Quad Operational Amplifier
LMC6022 NSC-LMC6022 Datasheet
339Kb / 16P
   Low Power CMOS Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com