Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW03C270 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BZW03C270
Description  AXIAL LEADED SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BZW03C270 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BZW03C270 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZW03C270 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE: 6.8 - 27 0V
POWER: 6.0Wa t t s
BZW03C6V8 - BZW03C270
Parameter
Test condition
Symbol
Value
Unit
Power dissipation
l = 10 mm, TL = 25 °C
P diss
6.0
W
Tamb = 45 °C
P diss
1.85
W
Repetitive peak reverse power
dissipation
PZRM
20
W
Non repetitive peak surge power
dissipation
tp = 100 µs, Tj = 25 °C
P ZSM
1000
W
Junction temperature
T j
175
°C
Storage temperature range
T stg
- 65 to + 175
°C
L
thJA
30
K/W
thJA
70
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 1 A
VF
1.2
V
AXIAL LEADED SILICON ZENER DIODES
Low leakage current
High reliability
Complete Voltage Range 6.8 to 270 Volts
Features
·
·
·
·
= constant
R
on PC board with spacing 37.5 mm
R
Junction ambient
l = 25 mm, T
1 of 2
www.sunmate.tw
!
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 1.2 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Case: DO-201AD, Molded Plastic
Mechanical Data
DO-201AD
Dim
Min
Max
A
25.40
¾
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
High peak reverse power dissipation
·
·
·


Similar Part No. - BZW03C270

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZW03C270 VISHAY-BZW03C270 Datasheet
64Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
BZW03C270 VISHAY-BZW03C270 Datasheet
122Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Apr-05
BZW03C270 VISHAY-BZW03C270 Datasheet
101Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
logo
New Jersey Semi-Conduct...
BZW03C270 NJSEMI-BZW03C270 Datasheet
269Kb / 3P
   Zener Diodes with Surge Current Specification
More results

Similar Description - BZW03C270

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MZ85C3V0 SUNMATE-MZ85C3V0_15 Datasheet
433Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
1N5913A SUNMATE-1N5913A Datasheet
499Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
1N4728A SUNMATE-1N4728A Datasheet
390Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
BZX79C2V4 SUNMATE-BZX79C2V4 Datasheet
328Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
P100A SUNMATE-P100A Datasheet
358Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
ZY3.6S SUNMATE-ZY3.6S Datasheet
263Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
2EZ3.6D5L SUNMATE-2EZ3.6D5L Datasheet
252Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
3EZ3.9D5L SUNMATE-3EZ3.9D5L Datasheet
389Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
BZX85C2V4 SUNMATE-BZX85C2V4 Datasheet
364Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
MZ4728A SUNMATE-MZ4728A Datasheet
454Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com