Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM14702AA-N Datasheet(PDF) 3 Page - ELM Electronics

Part # ELM14702AA-N
Description  Single N-channel MOSFET with schottky diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM14702AA-N Datasheet(HTML) 3 Page - ELM Electronics

  ELM14702AA-N Datasheet HTML 1Page - ELM Electronics ELM14702AA-N Datasheet HTML 2Page - ELM Electronics ELM14702AA-N Datasheet HTML 3Page - ELM Electronics ELM14702AA-N Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
ELM14702AA-N
4 -
■Typical electrical and thermal characteristics
0
5
10
15
20
25
30
0
1
2
3
4
5
Vds (Volts)
Fig 1: On-Region Characteristics
Vgs=3V
3.5V
4V
4.5V
10V
0
4
8
12
16
20
1.5
2
2.5
3
3.5
4
Vgs (Volts)
Figure 2: Transfer Characteristics
10
12
14
16
18
20
22
24
0
5
10
15
20
Id (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
Vsd (Volts)
Figure 6: Body-Diode Characteristics
25°
125°C
FET+SCHOTTKY
0.8
1
1.2
1.4
1.6
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
Vgs=10V
Vgs=4.5V
10
20
30
40
50
60
2
4
6
8
10
Vgs (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
Vds=5V
Vgs=4.5V
Vgs=10V
Id=11A
25°C
125°C
Id=11A
Single N-channel MOSFET with schottky diode


Similar Part No. - ELM14702AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM14702AA-N ELM-TECH-ELM14702AA-N Datasheet
97Kb / 4P
   Single N-channel MOSFET with schottky diode
More results

Similar Description - ELM14702AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM16706EA-S ELM-TECH-ELM16706EA-S Datasheet
124Kb / 5P
   Single N-channel MOSFET with schottky diode
ELM14700AA-N ELM-TECH-ELM14700AA-N Datasheet
117Kb / 5P
   Single N-channel MOSFET with schottky diode
ELM14704AA-N ELM-TECH-ELM14704AA-N Datasheet
101Kb / 4P
   Single N-channel MOSFET with schottky diode
ELM16704EA-S ELM-TECH-ELM16704EA-S Datasheet
124Kb / 5P
   Single N-channel MOSFET with schottky diode
ELM16700EA-S ELM-TECH-ELM16700EA-S Datasheet
98Kb / 4P
   Single N-channel MOSFET with schottky diode
ELM16702EA-S ELM-TECH-ELM16702EA-S Datasheet
114Kb / 5P
   Single N-channel MOSFET with schottky diode
ELM14702AA-N ELM-TECH-ELM14702AA-N Datasheet
97Kb / 4P
   Single N-channel MOSFET with schottky diode
logo
Sinopower Semiconductor...
SM1691OSCS SINOPWER-SM1691OSCS Datasheet
260Kb / 12P
   Single N-Channel Enhancement Mode MOSFET with Schottky Diode
logo
Advanced Power Electron...
AP3N2R8MT A-POWER-AP3N2R8MT Datasheet
71Kb / 6P
   N-CHANNEL MOSFET WITH SCHOTTKY DIODE
AP3N3R3MT A-POWER-AP3N3R3MT Datasheet
72Kb / 6P
   N-CHANNEL MOSFET WITH SCHOTTKY DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com