Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDC1000PWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TDC1000PWR
Description  TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDC1000PWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TDC1000PWR Datasheet HTML 3Page - Texas Instruments TDC1000PWR Datasheet HTML 4Page - Texas Instruments TDC1000PWR Datasheet HTML 5Page - Texas Instruments TDC1000PWR Datasheet HTML 6Page - Texas Instruments TDC1000PWR Datasheet HTML 7Page - Texas Instruments TDC1000PWR Datasheet HTML 8Page - Texas Instruments TDC1000PWR Datasheet HTML 9Page - Texas Instruments TDC1000PWR Datasheet HTML 10Page - Texas Instruments TDC1000PWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
TDC1000, TDC1000-Q1
www.ti.com
SNAS648B – OCTOBER 2014 – REVISED AUGUST 2015
Electrical Characteristics (continued)
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life of
the product containing it. TA = 25°C, VDD = VIO = 3.7 V, VCOM = VCM = VDD / 2, CVCOM = 10 nF (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ZERO CROSS COMPARATOR
VOS(COMP)
Input offset voltage(2)
Referred to VCOM
±115
µV
Zero crossing
enCOMP
comparator input
1 MHz
5
nV/
√Hz
referred noise(2)
HYSTCOMP
Hysteresis (2)
Referred to VCOM
-10
mV
THRESHOLD DETECTOR
ECHO_QUAL_THLD = 0h, VCOM referred
–35
mV
VTHDET
Threshold level
ECHO_QUAL_THLD = 7h, VCOM referred
–1.5
V
TEMPERATURE SENSOR INTERFACE(3)
RREF = 1 kΩ, PT1000 range: –40 to 125°C
(4)
1
°C
Temperature
TERROR
measurement accuracy R
REF = 1 kΩ, PT1000 range: –15°C to 85°C
(4)
0.5
°C
Relative accuracy
RREF = 1 kΩ, RRTD1 = RRTD2 = 1.1 kΩ
0.02
°CRMS
TGE
Gain error
5.8
m°C/°C
POWER SUPPLY
Sleep (EN = CLKIN = TRIGGER = low)
0.61
µA
Continuous receive mode, LNA and PGA
2.8
3
mA
bypassed
IDD
VDD supply current
Continuous receive mode, LNA and PGA active
6.2
7.5
mA
Temp. measurement only (PT1000 mode)(5)
370
400
µA
Temp. measurement (PT500 mode)(6)
500
540
µA
VIO supply sleep
IIO
Sleep (EN = CLKIN = TRIGGER = low)
2
nA
current(2)
DIGITAL INPUT/OUTPUT CHARACTERISTICS
Input logic low
VIL
0.2 × VIO
V
threshold
Input logic high
VIH
0.8 × VIO
V
threshold
SDO pin, 100-
μA current
0.2
V
SDO pin, 1.85-mA current
0.4
V
START and STOP pins, 100-
μA current
0.5
V
Output logic low
VOL
threshold
START and STOP pins, 1.85-mA current
0.6
V
ERRB pin, 100-
μA current
0.2
V
ERRB pin, 1.85-mA current
0.4
V
SDO pin, 100-
μA current
VIO – 0.2
V
SDO pin, 1.85-mA current
VIO – 0.6
V
Output logic high
VOH
START and STOP pins, 100-
μA current
VIO – 0.5
V
threshold
START and STOP pins, 1.85-mA current
VIO – 0.6
V
ERRB pin, 0-µA current
VIO – 0.2
V
Maximum output
IOMAX
current for SDO,
1.85
mA
START and STOP
(2)
Specified by design.
(3)
With ideal external components. For more detail see Temp Sensor Measurement section.
(4)
PT1000 RTD approximate resistance: 800
Ω ≡ –52°C, 931 Ω ≡ –18°C, 1.10 kΩ ≡ 26°C, 1.33 kΩ ≡ 86°C and 1.48 kΩ ≡ 125°C.
(5)
Specified currents include 120
μA which flows through the RTD sensor in PT1000 mode (TEMP_RTD_SEL = 0).
(6)
Specified currents include 240
μA which flows through the RTD sensor in PT500 mode (TEMP_RTD_SEL = 1).
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TDC1000 TDC1000-Q1


Similar Part No. - TDC1000PWR

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
TDC10 EATON-TDC10 Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
TDC10-1-R EATON-TDC10-1-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
TDC10-1.5-R EATON-TDC10-1.5-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
logo
Cooper Bussmann, Inc.
TDC10-1.5A COOPER-TDC10-1.5A Datasheet
69Kb / 2P
   TDC Series, Glass Tube
logo
Eaton All Rights Reserv...
TDC10-10-R EATON-TDC10-10-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
More results

Similar Description - TDC1000PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
logo
NVE Corporation
AA002 NVE-AA002 Datasheet
378Kb / 2P
   Proximity Sensing
logo
Amphenol Corporation
NPI-12 AMPHENOL-NPI-12 Datasheet
70Kb / 4P
   Level sensing
logo
Greystone Energy System...
FPPSPP GREYSTONE-FPPSPP Datasheet
142Kb / 1P
   FLOW SENSING PROBES
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
   Converter for Proximity Sensing
logo
STMicroelectronics
VL6180 STMICROELECTRONICS-VL6180 Datasheet
2Mb / 73P
   Proximity sensing module
July 2021 Rev 14
logo
SparkFun Electronics
KIT-18448 SPARKFUN-KIT-18448 Datasheet
142Kb / 2P
   SparkFun Proximity Sensing Kit
9??0??1
logo
Texas Instruments
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
Coto Technology
FR2 COTO-FR2 Datasheet
665Kb / 4P
   Proximity sensing, Smoke alarms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com