Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ5376B Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SMCJ5376B
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMCJ5376B Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SMCJ5376B Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMCJ5376B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMCJ5388B
SMCJ5387B
SMCJ5386B
SMCJ5385B
SMCJ5384B
SMCJ5383B
SMCJ5382B
SMCJ5381B
SMCJ5380B
SMCJ5379B
SMCJ5378B
SMCJ5377B
SMCJ5376B
SMCJ5375B
SMCJ5374B
SMCJ5373B
SMCJ5333B
SMCJ5372B
SMCJ5371B
SMCJ5370B
SMCJ5369B
SMCJ5368B
SMCJ5367B
SMCJ5366B
SMCJ5365B
SMCJ5364B
SMCJ5363B
SMCJ5362B
SMCJ5361B
SMCJ5360B
SMCJ5359B
SMCJ5358B
SMCJ5357B
SMCJ5356B
SMCJ5355B
SMCJ5354B
SMCJ5353B
SMCJ5352B
SMCJ5351B
SMCJ5350B
SMCJ5349B
SMCJ5348B
SMCJ5347B
SMCJ5346B
SMCJ5345B
SMCJ5344B
SMCJ5343B
SMCJ5342B
SMCJ5341B
SMCJ5340B
SMCJ5338B
SMCJ5337B
SMCJ5336B
SMCJ5335B
SMCJ5334B
SMCJ5339B
2 of 2
ELECTRICAL CHARACTERISTICS (Rating at 25 °C ambient temperature unless otherwise specified)
Regulator
Maximum Zener
Maximum Reverse
Maximum
Maximum
Maximum
TYPE
Voltage
Impedance
Leakage Current
Zener Current Surge Current
Voltage
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
IZSM
Regulator
(V)
(mA)
(Ω)(Ω)
(mA)
(μA)
(V)
(mA)
(A)
∆VZ
3.3
380
3.0
400
1.0
300
1.0
1440
20.0
0.85
3.6
350
2.5
500
1.0
150
1.0
1320
18.7
0.80
3.9
320
2.0
500
1.0
50
1.0
1220
17.6
0.54
4.3
290
2.0
500
1.0
10
1.0
1100
16.4
0.49
4.7
260
2.0
450
1.0
5.0
1.0
1010
15.3
0.44
5.1
240
1.5
400
1.0
1.0
1.0
930
14.4
0.39
5.6
220
1.0
400
1.0
1.0
2.0
856
13.4
0.25
6.0
200
1.0
300
1.0
1.0
3.0
790
12.7
0.19
6.2
200
1.0
200
1.0
1.0
3.0
765
12.4
0.10
6.8
175
1.0
200
1.0
10
5.2
700
11.5
0.15
7.5
175
1.5
200
1.0
10
5.7
630
10.7
0.15
8.2
150
1.5
200
1.0
10
6.2
580
10.0
0.20
8.7
150
2.0
200
1.0
10
6.6
545
9.5
0.20
9.1
150
2.0
150
1.0
7.5
6.9
520
9.2
0.22
10
125
2.0
125
1.0
5.0
7.6
475
8.6
0.22
11
125
2.5
125
1.0
5.0
8.4
430
8.0
0.25
12
100
2.5
125
1.0
2.0
9.1
395
7.5
0.25
13
100
2.5
100
1.0
1.0
9.9
365
7.0
0.25
14
100
2.5
75
1.0
1.0
10.6
340
6.7
0.25
15
75
2.5
75
1.0
1.0
11.5
315
6.3
0.25
16
75
2.5
75
1.0
1.0
12.2
295
6.0
0.30
17
70
2.5
75
1.0
0.5
12.9
280
5.8
0.35
18
65
2.5
75
1.0
0.5
13.7
265
5.5
0.40
19
65
3.0
75
1.0
0.5
14.4
250
5.3
0.40
20
65
3.0
75
1.0
0.5
15.2
237
5.1
0.40
22
50
3.5
75
1.0
0.5
16.7
216
4.7
0.45
24
50
3.5
100
1.0
0.5
18.2
198
4.4
0.55
25
50
4.0
110
1.0
0.5
19.0
190
4.3
0.55
27
50
5.0
120
1.0
0.5
20.6
176
4.1
0.60
28
50
6.0
130
1.0
0.5
21.2
170
3.9
0.60
30
40
8.0
140
1.0
0.5
22.8
158
3.7
0.60
33
40
10
150
1.0
0.5
25.1
144
3.5
0.60
36
30
11
160
1.0
0.5
27.4
132
3.3
0.65
39
30
14
170
1.0
0.5
29.7
122
3.1
0.65
43
30
20
190
1.0
0.5
32.7
110
2.8
0.70
47
25
25
210
1.0
0.5
35.8
100
2.7
0.80
51
25
27
230
1.0
0.5
38.8
93.0
2.5
0.90
56
20
35
280
1.0
0.5
42.6
86.0
2.3
1.00
60
20
40
350
1.0
0.5
45.5
79.0
2.2
1.20
62
20
42
400
1.0
0.5
47.1
76.0
2.1
1.35
68
20
44
500
1.0
0.5
51.7
70.0
2.0
1.50
75
20
45
620
1.0
0.5
56.0
63.0
1.9
1.60
82
15
65
720
1.0
0.5
62.2
58.0
1.8
1.80
87
15
75
760
1.0
0.5
66.0
54.5
1.7
2.00
91
15
75
760
1.0
0.5
69.2
52.5
1.6
2.20
100
12
90
800
1.0
0.5
76.0
47.5
1.5
2.30
110
12
125
1000
1.0
0.5
83.6
43.0
1.4
2.50
120
10
170
1150
1.0
0.5
91.2
39.5
1.3
2.50
130
10
190
1250
1.0
0.5
98.8
36.6
1.2
2.50
140
8.0
230
1500
1.0
0.5
106
34.0
1.2
2.50
150
8.0
330
1500
1.0
0.5
114
31.6
1.1
3.00
160
8.0
350
1650
1.0
0.5
122
29.4
1.1
3.00
170
8.0
380
1750
1.0
0.5
129
28.0
1.0
3.00
180
5.0
430
1750
1.0
0.5
137
26.4
1.0
4.00
190
5.0
450
1850
1.0
0.5
144
25.0
0.9
5.00
200
5.0
480
1850
1.0
0.5
152
23.6
0.9
5.00
Notes :
(1) Suffix " B " indicates ± 5% tolerance, suffix " A " indicates ± 10% tolerance.
(2) The surge current (IZSM) is specified as the maximum peak of a non- recurrent half-sin wave of 8.3 ms duration.
(3) Voltage regulation (VZ) is the difference between the voltage measured at 10% and 50% of I
www.sunmate.tw


Similar Part No. - SMCJ5376B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMCJ5376 MCC-SMCJ5376 Datasheet
151Kb / 5P
   Silicon 5.0 Watt Zener Diodes
More results

Similar Description - SMCJ5376B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com