Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMZ82 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SMZ82
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMZ82 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SMZ82 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMZ82 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMZ200
SMZ190
SMZ180
SMZ170
SMZ160
SMZ150
SMZ140
SMZ130
SMZ120
SMZ110
SMZ100
SMZ91
SMZ82
SMZ75
SMZ68
SMZ62
SMZ56
SMZ51
SMZ47
SMZ43
SMZ39
SMZ36
SMZ33
SMZ30
SMZ27
SMZ24
SMZ22
SMZ20
SMZ19
SMZ18
SMZ17
SMZ16
SMZ15
SMZ14
SMZ13
SMZ12
SMZ11
SMZ10
SMZ9V1
SMZ8V2
SMZ7V5
SMZ6V8
SMZ6V2
SMZ5V6
SMZ5V1
SMZ4V7
SMZ4V3
SMZ3V9
SMZ3V6
2 of 2
ELECTRICAL CHARACTERISTICS Rating at = 25 °C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
3.6
139
5.0
400
1.0
80
1.0
504
3.9
128
5.0
400
1.0
30
1.0
468
4.3
116
4.5
400
1.0
20
1.0
434
4.7
106
4.5
550
1.0
5.0
1.0
386
5.1
98.0
3.5
600
1.0
5.0
1.0
356
5.6
89.5
2.5
500
1.0
5.0
2.0
324
6.2
80.5
1.5
700
1.0
5.0
3.0
292
6.8
73.5
2.0
700
1.0
5.0
4.0
266
7.5
66.5
2.0
700
0.5
50
5.0
242
8.2
61.0
2.3
700
0.5
50
6.0
220
9.1
55.0
2.5
700
0.5
50
7.0
200
10
50.0
3.5
700
0.25
50
7.6
182
11
45.5
4.0
700
0.25
50
8.4
166
12
41.5
4.5
700
0.25
1.0
9.1
152
13
38.5
5.0
700
0.25
0.5
9.9
138
14
35.7
5.5
700
0.25
0.5
10.6
130
15
33.4
7.0
700
0.25
0.5
11.4
122
16
31.2
8.0
700
0.25
0.5
12.2
114
17
29.4
9.0
750
0.25
0.5
13.0
107
18
27.8
10
750
0.25
0.5
13.7
100
19
26.3
11
750
0.25
0.5
14.4
95
20
25.0
11
750
0.25
0.5
15.2
90
22
22.8
12
750
0.25
0.5
16.7
82
24
20.8
13
750
0.25
0.5
18.2
76
27
18.5
18
750
0.25
0.5
20.6
68
30
16.6
20
1000
0.25
0.5
22.5
60
33
15.1
23
1000
0.25
0.5
25.1
55
36
13.9
25
1000
0.25
0.5
27.4
50
39
12.8
30
1000
0.25
0.5
29.7
47
43
11.6
35
1500
0.25
0.5
32.7
43
47
10.6
40
1500
0.25
0.5
35.8
39
51
9.8
48
1500
0.25
0.5
38.8
36
56
9.0
55
2000
0.25
0.5
42.6
32
62
8.1
60
2000
0.25
0.5
47.1
29
68
7.4
75
2000
0.25
0.5
51.7
27
75
6.7
90
2000
0.25
0.5
56.0
24
82
6.1
100
3000
0.25
0.5
62.2
22
91
5.5
125
3000
0.25
0.5
69.2
20
100
5.0
175
3000
0.25
0.5
76.0
18
110
4.5
250
4000
0.25
0.5
83.6
17
120
4.2
325
4500
0.25
0.5
91.2
15
130
3.8
400
5000
0.25
0.5
98.8
14
140
3.6
500
5500
0.25
0.5
106.4
13
150
3.3
575
6000
0.25
0.5
114.0
12
160
3.1
650
6500
0.25
0.5
121.6
11
170
2.9
675
7000
0.25
0.5
130.4
11
180
2.8
725
7000
0.25
0.5
136.8
10
190
2.6
825
8000
0.25
0.5
144.8
10
200
2.5
900
8000
0.25
0.5
152.0
9.0
www.sunmate.tw


Similar Part No. - SMZ82

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMZ82 MICROSEMI-SMZ82 Datasheet
82Kb / 2P
   ZENERarray Series
logo
Diotec Semiconductor
SMZ82 DIOTEC-SMZ82 Datasheet
55Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
SMZ82 DIOTEC-SMZ82 Datasheet
106Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
logo
Semikron International
SMZ82 SEMIKRON-SMZ82 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
Diotec Semiconductor
SMZ82 DIOTEC-SMZ82 Datasheet
158Kb / 3P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
More results

Similar Description - SMZ82

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com