Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFP401 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TFP401
Description  TFP401x TI PanelBus Digital Receiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP401 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TFP401 Datasheet HTML 6Page - Texas Instruments TFP401 Datasheet HTML 7Page - Texas Instruments TFP401 Datasheet HTML 8Page - Texas Instruments TFP401 Datasheet HTML 9Page - Texas Instruments TFP401 Datasheet HTML 10Page - Texas Instruments TFP401 Datasheet HTML 11Page - Texas Instruments TFP401 Datasheet HTML 12Page - Texas Instruments TFP401 Datasheet HTML 13Page - Texas Instruments TFP401 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
DFO, ST, PIXS, STAG,
Rx[2:0]+, Rx[2:0]–,
OCK_INV
PD
V
IH
t
p(PDH-V)
twL(PDL_MIN)
PD
VIL
QE[23:0], QO[23:0],
ODCK, DE, CTL[3:1],
HSYNC, VSYNC, SCDT
PD
t
pd(PDL)
V
IL
QE[23:0], QO[23:0],
ODCK, DE, CTL[3:2],
HSYNC, VSYNC
PDO
t
pd(PDOL)
V
IL
50%
V
OH
t
d(st)
ODCK
QE[23:0]
t
ps
50%
Rx+
Rx–
QE[23:0], QO[23:0] DE,
CTL[3:1], HSYNC, VSYNC
V
OH
V
OL
V
OH
V
OL
V
OH
V
OL
V
OH
V
OL
t
(su1)
t
(h1)
t
(h2)
t
(su2)
V
OH
V
OH
V
OL
V
OL
ODCK
OCK_INV
80%
20%
80%
20%
tr2
tf2
ODCK
1/f
ODCK
ODCK
QE[23:0], QO[23:0], DE,
CTK[3:1], HSYNC, VSYNC
20%
80%
80%
20%
t
r1
t
f1
10
TFP401, TFP401A
SLDS120G – MARCH 2000 – REVISED MAY 2016
www.ti.com
Product Folder Links: TFP401 TFP401A
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
8 Parameter Measurement Information
Figure 2. Rise and Fall Times of Data and Control Signals
Figure 3. Rise and Fall Times of ODCK
Figure 4. ODCK Frequency
Figure 5. Data Setup and Hold Times to Rising and Falling Edges of ODCK
Figure 6. ODCK High to QE[23:0] Staggered Data
Output
Figure 7. Analog Input Intra-Pair Differential Skew
Figure 8. Delay From PD Low to Hi-Z Outputs
Figure 9. Delay From PDO Low to Hi-Z Outputs
Figure 10. Delay From PD Low to High Before
Inputs Are Active
Figure 11. Minimum Time PD Low


Similar Part No. - TFP401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP401 TI-TFP401 Datasheet
303Kb / 19P
[Old version datasheet]   TI PanelBus DIGITAL RECEIVER
logo
List of Unclassifed Man...
TFP401 ETC2-TFP401 Datasheet
436Kb / 20P
   PanelBus DIGITAL RECEIVER
logo
Texas Instruments
TFP401 TI1-TFP401 Datasheet
2Mb / 32P
[Old version datasheet]   PanelBus Digital Receiver
TFP401A TI-TFP401A Datasheet
303Kb / 19P
[Old version datasheet]   TI PanelBus DIGITAL RECEIVER
logo
List of Unclassifed Man...
TFP401A ETC2-TFP401A Datasheet
436Kb / 20P
   PanelBus DIGITAL RECEIVER
More results

Similar Description - TFP401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP401A-EP TI-TFP401A-EP Datasheet
509Kb / 21P
[Old version datasheet]   TI PanelBus??DIGITAL RECEIVER
TFP401 TI-TFP401 Datasheet
303Kb / 19P
[Old version datasheet]   TI PanelBus DIGITAL RECEIVER
TFP401A-Q1 TI-TFP401A-Q1 Datasheet
892Kb / 23P
[Old version datasheet]   TI PanelBus DIGITAL RECEIVER
TFP513 TI-TFP513 Datasheet
424Kb / 29P
[Old version datasheet]   TI PANELBUS DIGITAL TRANSMITTER
SLDS145B TI-SLDS145B Datasheet
544Kb / 29P
[Old version datasheet]   TFP410 TI PanelBus DIGITAL TRANSMITTER
logo
List of Unclassifed Man...
TFP401 ETC2-TFP401_07 Datasheet
436Kb / 20P
   PanelBus DIGITAL RECEIVER
logo
Texas Instruments
TFP401 TI1-TFP401_18 Datasheet
2Mb / 32P
[Old version datasheet]   PanelBus Digital Receiver
TFP503 TI-TFP503 Datasheet
445Kb / 27P
[Old version datasheet]   PANELBUS HDCP DIGITAL RECEIVER
TFP501 TI-TFP501 Datasheet
374Kb / 24P
[Old version datasheet]   PANELBUS HDCP DIGITAL RECEIVER
TFP410 TI1-TFP410_V01 Datasheet
3Mb / 42P
[Old version datasheet]   TFP410 TI PanelBus™ Digital Transmitter
REVISED DECEMBER 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com