Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX5100D Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPX5100D
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX5100D Datasheet(HTML) 1 Page - Motorola, Inc

  MPX5100D Datasheet HTML 1Page - Motorola, Inc MPX5100D Datasheet HTML 2Page - Motorola, Inc MPX5100D Datasheet HTML 3Page - Motorola, Inc MPX5100D Datasheet HTML 4Page - Motorola, Inc MPX5100D Datasheet HTML 5Page - Motorola, Inc MPX5100D Datasheet HTML 6Page - Motorola, Inc MPX5100D Datasheet HTML 7Page - Motorola, Inc MPX5100D Datasheet HTML 8Page - Motorola, Inc MPX5100D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 2004
Order number: MPX5100/D
Rev 9, 3/2004
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated
and Calibrated
The MPX5100/MPXV5100 series piezoresistive transducer is a state-of-
the-art monolithic silicon pressure sensor designed for a wide range of appli-
cations, but particularly those employing a microcontroller or microprocessor
with A/D inputs. This patented, single element transducer combines advanced
micromachining techniques, thin-film metallization, and bipolar processing to
provide an accurate, high level analog output signal that is proportional to the
applied pressure.
Features
• 2.5% Maximum Error over 0
° to 85°C
• Ideally suited for Microprocessor or Microcontroller-Based
Systems
• Patented Silicon Shear Stress Strain Gauge
• Available in Absolute, Differential and Gauge Configurations
• Ideal for Automotive and Non-Automotive Applications
Figure 1. Fully Integrated Pressure Sensor Schematic
VS
SENSING
ELEMENT
GND
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
PINS 1 AND 5 THROUGH 8 ARE NO CONNECTS
FOR SMALL OUTLINE PACKAGE
PINS 4, 5, AND 6 ARE NO CONNECTS FOR
UNIBODY PACKAGE
Vout
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
INTEGRATED PRESSURE SENSOR
Differential
0 to 100 kPa (0 to 14.5 psi)
Absolute
15 to 115 kPa (2.18 to 16.68 psi)
0.2 to 4.7 Volts Output
MPX5100/MPXV5100
SERIES
PIN NUMBER
1
N/C
5
N/C
2
VS
6
N/C
3
GND
7
N/C
4
Vout
8
N/C
NOTE: Pins 1, 5, 6, 7, and
8 are internal device
connections. Do not
connect to external
circuitry or ground. Pin1 is
noted by the notch in the
lead.
MPX5100D
CASE 867
MPX5100DP
CASE 867C
MPX5100GSX
CASE 867F
MPXV5100GC6U
CASE 482A
MPXV5100GC7U
CASE 482C
UNIBODY PACKAGE
SMALL OUTLINE
PACKAGE
PIN NUMBER
1
Vout
4
N/C
2
GND
5
N/C
3
VS
6
N/C
NOTE: Pins 4, 5, and 6
are internal device
connections. Do not
connect to external
circuitry or ground. Pin1 is
noted by the notch in the
lead.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPX5100D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX5100D FREESCALE-MPX5100D Datasheet
318Kb / 12P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5100D FREESCALE-MPX5100D Datasheet
310Kb / 16P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5100D FREESCALE-MPX5100D Datasheet
356Kb / 17P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPX5100D NXP-MPX5100D Datasheet
417Kb / 17P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
2005-2010
logo
Freescale Semiconductor...
MPX5100DP FREESCALE-MPX5100DP Datasheet
318Kb / 12P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
More results

Similar Description - MPX5100D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5999D FREESCALE-MPX5999D Datasheet
165Kb / 8P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5004G FREESCALE-MP3V5004G_10 Datasheet
332Kb / 14P
   Integrated Silicon Pressure Sensor, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5100 FREESCALE-MPX5100_10 Datasheet
356Kb / 17P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV7007 FREESCALE-MPXV7007 Datasheet
141Kb / 10P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com