Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3425G Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MSP3425G
Description  MSP 34x5G Multistandard Sound Processor Family
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSP3425G Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MSP3425G Datasheet HTML 2Page - List of Unclassifed Manufacturers MSP3425G Datasheet HTML 3Page - List of Unclassifed Manufacturers MSP3425G Datasheet HTML 4Page - List of Unclassifed Manufacturers MSP3425G Datasheet HTML 5Page - List of Unclassifed Manufacturers MSP3425G Datasheet HTML 6Page - List of Unclassifed Manufacturers MSP3425G Datasheet HTML 7Page - List of Unclassifed Manufacturers MSP3425G Datasheet HTML 8Page - List of Unclassifed Manufacturers MSP3425G Datasheet HTML 9Page - List of Unclassifed Manufacturers MSP3425G Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 98 page
background image
MSP 34x5G
PRELIMINARY DATA SHEET
6
Micronas
1.1. Features of the MSP 34x5G Family and Differences to MSPD
1.2. MSP 34x5G Version List
Feature
(New features not available for MSPD are shaded gray.)
3405
3415
3425
3445
3455
3465
Standard Selection with single I2C transmission
X
X
X
X
X
X
Automatic Standard Detection of terrestrial TV standards
X
X
X
X
X
X
Automatic Sound Selection (mono/stereo/bilingual), new registers MODUS, STATUS
X
X
X
X
X
X
Automatic Carrier Mute function
X
X
X
X
X
X
Interrupt output programmable (indicating status change)
X
X
X
X
X
X
Loudspeaker channel with volume, balance, bass, treble, loudness
X
X
X
X
X
X
AVC: Automatic Volume Correction
X
X
X
X
X
X
Spatial effect for loudspeaker channel
X
X
X
X
X
X
Two Stereo SCART (line) inputs, one Mono input; one Stereo SCART outputs
X
X
X
X
X
X
Complete SCART in/out switching matrix
X
X
X
X
X
X
Two I2S inputs; one I2S output
X
X
X
X
X
X
All analog Mono sound carriers including AM-SECAM L
X
X
X
X
X
X
All analog FM-Stereo A2 and satellite standards
X
X
X
All NICAM standards
XX
Simultaneous demodulation of (very) high-deviation FM-Mono and NICAM
X
X
Adaptive deemphasis for satellite (Wegener-Panda, acc. to ASTRA specification)
X
X
X
X
ASTRA Digital Radio (ADR) together with DRP 3510A
X
X
X
Demodulation of the BTSC multiplex signal and the SAP channel
X
X
X
Alignment free digital DBX noise reduction for BTSC Stereo and SAP
X
X
Alignment free digital Micronas Noise Reduction (MNR) for BTSC Stereo and SAP
X
BTSC stereo separation (MSP 3425/45G also EIA-J) significantly better than spec.
X
X
X
SAP and stereo detection for BTSC system
X
X
X
Korean FM-Stereo A2 standard
X
X
X
X
X
Alignment-free Japanese standard EIA-J
X
X
X
Demodulation of the FM-Radio multiplex signal
X
X
X
Version
Status
Description
MSP 3405G
available
FM Stereo (A2) Version
MSP 3415G
available
NICAM and FM Stereo (A2) Version
MSP 3425G
available
NTSC Version (A2 Korea, BTSC with Micronas Noise Reduction (MNR), Japanese EIA-J system)
MSP 3445G
available
NTSC Version (A2 Korea, BTSC with DBX noise reduction, Japanese EIA-J system)
MSP 3455G
available
Global Stereo Version (all sound standards)
MSP 3465G
available
Global Mono Version (all sound standards)


Similar Part No. - MSP3425G

ManufacturerPart #DatasheetDescription
logo
Micronas
MSP3420G MICRONAS-MSP3420G Datasheet
1Mb / 106P
   Multistandard Sound Processor Family
MSP3421G MICRONAS-MSP3421G Datasheet
871Kb / 104P
   Multistandard Sound Processor Family with Virtual Dolby Surround
MSP3421G MICRONAS-MSP3421G Datasheet
1Mb / 102P
   Multistandard Sound Processor Family with Virtual Dolby Surround
MSP3427G MICRONAS-MSP3427G Datasheet
1Mb / 81P
   Multistandard Sound Processor Family
More results

Similar Description - MSP3425G

ManufacturerPart #DatasheetDescription
logo
Micronas
MSP3410G MICRONAS-MSP3410G Datasheet
1Mb / 106P
   Multistandard Sound Processor Family
MSP34X0G MICRONAS-MSP34X0G Datasheet
653Kb / 96P
   Multistandard Sound Processor Family
MSP34X7G MICRONAS-MSP34X7G Datasheet
1Mb / 81P
   Multistandard Sound Processor Family
MSP3438G MICRONAS-MSP3438G Datasheet
739Kb / 84P
   Multistandard Sound Processor Family
logo
List of Unclassifed Man...
MSP3430 ETC1-MSP3430 Datasheet
1Mb / 101P
   Multistandard Sound Processor Family
logo
Micronas
MSP3410B MICRONAS-MSP3410B Datasheet
1Mb / 68P
   Multistandard Sound Processor
MSP44X8G MICRONAS-MSP44X8G Datasheet
665Kb / 85P
   Multistandard Sound Processor
MSP3400C MICRONAS-MSP3400C Datasheet
659Kb / 73P
   Multistandard Sound Processor
MSP3411G MICRONAS-MSP3411G Datasheet
1Mb / 102P
   Multistandard Sound Processor Family with Virtual Dolby Surround
MSP34X1G MICRONAS-MSP34X1G Datasheet
871Kb / 104P
   Multistandard Sound Processor Family with Virtual Dolby Surround
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com