Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1040IPW Datasheet(PDF) 4 Page - Texas Instruments

Part # THS1040IPW
Description  CMOS ANALOG-TO-DIGITAL CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1040IPW Datasheet(HTML) 4 Page - Texas Instruments

  THS1040IPW Datasheet HTML 1Page - Texas Instruments THS1040IPW Datasheet HTML 2Page - Texas Instruments THS1040IPW Datasheet HTML 3Page - Texas Instruments THS1040IPW Datasheet HTML 4Page - Texas Instruments THS1040IPW Datasheet HTML 5Page - Texas Instruments THS1040IPW Datasheet HTML 6Page - Texas Instruments THS1040IPW Datasheet HTML 7Page - Texas Instruments THS1040IPW Datasheet HTML 8Page - Texas Instruments THS1040IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
THS1040
SLAS290C − OCTOBER 2001 − REVISED OCTOBER 2004
4
www.ti.com
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range: AVDD to AGND, DVDD to DGND
−0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AGND to DGND
−0.3 V to 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AVDD to DVDD
−4 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MODE input voltage range, MODE to AGND
−0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference voltage input range, REFT, REFB, to AGND
−0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage range, AIN to AGND
−0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference input voltage range, VREF to AGND
−0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference output voltage range, VREF to AGND
−0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Clock input voltage range, CLK to AGND
−0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range, digital input to DGND
−0.3 V to DVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital output voltage range, digital output to DGND
−0.3 V to DVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
0
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 in) from case for 10 seconds
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
over operating free-air temperature range TA, (unless otherwise noted)
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
Power Supply
Supply voltage
AVDD, DVDD
3
3
3.6
V
Analog and Reference Inputs
VREF input voltage
VI(VREF)
REFSENSE = AVDD
0.5
1
V
REFT input voltage
VI(REFT)
MODE = AGND
1.75
2
V
REFB input voltage
VI(REFB)
MODE = AGND
1
1.25
V
Reference input voltage
VI(REFT) − VI(REFB) MODE = AGND
0.5
1
V
Reference common mode voltage
(VI(REFT)+VI(REFB))/2 MODE = AGND
(AVDD/2) − 0.05
(AVDD/2) + 0.05
V
Analog input voltage differential (see Note 1)
VI(AIN)
REFSENSE = AGND
−1
1
V
Analog input voltage differential (see Note 1)
VI(AIN)
REFSENSE = VREF
−0.5
0.5
V
Analog input capacitance, CI
10
pF
Clock input (see Note 2)
0
AVDD
V
Digital Outputs
Maximum digital output load resistance
RL
100
k
Maximum digital output load capacitance
CL
10
pF
Digital Inputs
High-level input voltage, VIH
2.4
DVDD
V
Low-level input voltage, VIL
DGND
0.8
V
Clock frequency (see Note 3)
tc
f(CLK) = 5 MHz to 40 MHz 25
200
nS
Clock pulse duration
tw(CKL), tw(CKH)
f(CLK) = 40 MHz
11.25
12.5
13.75
nS
Operating free-air temperature, TA
THS1040C
0
70
°C
Operating free-air temperature, TA
THS1040I
−40
85
°C
NOTE 1: VI(AIN) is AIN+ − AIN− range, based on VI(REFT)− VI(REFB) =1V.Varies proportional to the VI(REFT)− VI(REFB) value. Input common mode
voltage is recommended to be AVDD/2.
NOTE 2: The clock pin is referenced to AVSS and powered by AVDD.
NOTE 3: Clock frequency can be extended to this range without degradation of performance.
Not Recommended For New Designs


Similar Part No. - THS1040IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1040IPW TI-THS1040IPW Datasheet
545Kb / 32P
[Old version datasheet]   3-V, 10-BIT , 40-MSPS CMOS ANALOG TO DIGITAL CONVERTER
THS1040IPWR TI-THS1040IPWR Datasheet
545Kb / 32P
[Old version datasheet]   3-V, 10-BIT , 40-MSPS CMOS ANALOG TO DIGITAL CONVERTER
THS1040IPWRG4 TI-THS1040IPWRG4 Datasheet
545Kb / 32P
[Old version datasheet]   3-V, 10-BIT , 40-MSPS CMOS ANALOG TO DIGITAL CONVERTER
More results

Similar Description - THS1040IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS774H TI1-ADS774H_13 Datasheet
1Mb / 27P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
MP7633 ETC-MP7633 Datasheet
1Mb / 5P
   CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP8780 EXAR-MP8780 Datasheet
1,008Kb / 11P
   CMOS 8 BIT VIDEO ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS574 TI1-ADS574_14 Datasheet
323Kb / 17P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS774 BURR-BROWN-ADS774 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com