Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1215 Datasheet(PDF) 9 Page - Texas Instruments

Part # THS1215
Description  3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1215 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS1215 Datasheet HTML 5Page - Texas Instruments THS1215 Datasheet HTML 6Page - Texas Instruments THS1215 Datasheet HTML 7Page - Texas Instruments THS1215 Datasheet HTML 8Page - Texas Instruments THS1215 Datasheet HTML 9Page - Texas Instruments THS1215 Datasheet HTML 10Page - Texas Instruments THS1215 Datasheet HTML 11Page - Texas Instruments THS1215 Datasheet HTML 12Page - Texas Instruments THS1215 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.ti.com
66.0
66.5
67.0
67.5
68.0
68.5
69.0
−40
−15
10
35
60
85
TA − Temperature − °C
AVDD = DVDD = 3.3 V,
fIN = 3.58 MHz, −1dBFS
fs = 15 MSPS
−1.0
−0.8
−0.6
−0.4
−0.2
−0.0
0.2
0.4
0.6
0.8
1.0
0
512
1024
1536
2048
2560
3072
3584
4096
ADC Code
DVDD = AVDD = 3.3 V,
fs = 15 MSPS
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
0
512
1024
1536
2048
2560
3072
3584
4096
ADC Code
DVDD = AVDD = 3.3 V,
fs = 15 MSPS
THS1215
SLAS292A – MARCH 2001 – REVISED MARCH 2004
TYPICAL CHARACTERISTICS (continued)
SIGNAL-TO-NOISE AND DISTORTION
vs
TEMPERATURE
Figure 8.
DIFFERENTIAL NONLINEARITY (DNL)
Figure 9.
INTEGRAL NONLINEARITY (INL)
Figure 10.
9
Not Recommended For New Designs


Similar Part No. - THS1215

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1215 TI-THS1215 Datasheet
368Kb / 22P
[Old version datasheet]   3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
THS1215CDW TI-THS1215CDW Datasheet
368Kb / 22P
[Old version datasheet]   3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
THS1215CDWR TI-THS1215CDWR Datasheet
368Kb / 22P
[Old version datasheet]   3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
THS1215CPW TI-THS1215CPW Datasheet
368Kb / 22P
[Old version datasheet]   3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
THS1215CPWR TI-THS1215CPWR Datasheet
368Kb / 22P
[Old version datasheet]   3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
More results

Similar Description - THS1215

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1230 TI1-THS1230_15 Datasheet
668Kb / 23P
[Old version datasheet]   3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL
THS1215 TI-THS1215 Datasheet
368Kb / 22P
[Old version datasheet]   3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
THS1230 TI-THS1230 Datasheet
672Kb / 22P
[Old version datasheet]   3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881 BURR-BROWN-ADS7881_13 Datasheet
831Kb / 31P
   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9434 AD-AD9434 Datasheet
1,012Kb / 28P
   12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5463-SP TI1-ADS5463-SP Datasheet
833Kb / 31P
[Old version datasheet]   Class V, 12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-SP TI-ADS5463-SP Datasheet
648Kb / 25P
[Old version datasheet]   CLASS V, 12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com