Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1230IPWG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # THS1230IPWG4
Description  3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1230IPWG4 Datasheet(HTML) 4 Page - Texas Instruments

  THS1230IPWG4 Datasheet HTML 1Page - Texas Instruments THS1230IPWG4 Datasheet HTML 2Page - Texas Instruments THS1230IPWG4 Datasheet HTML 3Page - Texas Instruments THS1230IPWG4 Datasheet HTML 4Page - Texas Instruments THS1230IPWG4 Datasheet HTML 5Page - Texas Instruments THS1230IPWG4 Datasheet HTML 6Page - Texas Instruments THS1230IPWG4 Datasheet HTML 7Page - Texas Instruments THS1230IPWG4 Datasheet HTML 8Page - Texas Instruments THS1230IPWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
THS1230
SLAS291B – OCTOBER 2000 – REVISED MARCH 2004
over operating free-air temperature range, T
A (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
Supply voltage
AVDD
3.0
3.3
3.6
V
DVDD
ANALOG AND REFERENCE INPUTS
Reference input voltage
VREFT
fCLK = 5 MHz to 30 MHz
2.0
2.15
2.5
V
VREFB
fCLK = 5 MHz to 30 MHz
1.05
1.15
1.3
Reference voltage differential, VREFT – VREFB
fCLK = 5 MHz to 30 MHz
0.95
1.0
1.05
V
Analog input voltage differential, (AIN+) – (AIN–)(1)
CON1 = 0, CON0 = 1
–1.0
1.0
V
CON1 = 1, CON0 = 0
–2.0
2.0
Analog input capacitance, Ci
10
pF
Clock input (2)
0
AVDD
V
DIGITAL OUTPUTS
Minimum digital output load resistance, RL
100
k
Maximum digital output load capacitance, Ci
0
10
15
pF
DIGITAL INPUTS
High-level input voltage, VIH
2.4
DVDD
V
Low-level input voltage, VIL
DGND
0.8
V
Clock frequency, fCLK
(3)
5
30
MHz
Clock pulse duration, tw(CLKL), tw(CLKH)
fCLK = 30 MHz
15
16.7
18.3
ns
Operating free-air temperature, TA
TH1230
0
70
°C
TJ1230
–40
85
(1)
Based on VREFT – VREFB = 1.0 V, varies proportional to the VREFT – VREFB value. AIN+ and AIN– inputs must always be greater than 0 V
and less than AVDD.
(2)
Clock pin is referenced to AGND and powered by AVDD.
(3)
Clock frequency can be extended to this range without degradation of performance.
4


Similar Part No. - THS1230IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1230IPW TI-THS1230IPW Datasheet
672Kb / 22P
[Old version datasheet]   3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
THS1230IPWR TI-THS1230IPWR Datasheet
672Kb / 22P
[Old version datasheet]   3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
More results

Similar Description - THS1230IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1215 TI1-THS1215_15 Datasheet
744Kb / 22P
[Old version datasheet]   3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL
THS1230 TI-THS1230 Datasheet
672Kb / 22P
[Old version datasheet]   3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
THS1215 TI-THS1215 Datasheet
368Kb / 22P
[Old version datasheet]   3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
logo
Texas Instruments
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881 BURR-BROWN-ADS7881_13 Datasheet
831Kb / 31P
   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
logo
Analog Devices
AD9434 AD-AD9434 Datasheet
1,012Kb / 28P
   12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com