Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1403 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS1403
Description  14-BIT, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1403 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS1403 Datasheet HTML 4Page - Texas Instruments THS1403 Datasheet HTML 5Page - Texas Instruments THS1403 Datasheet HTML 6Page - Texas Instruments THS1403 Datasheet HTML 7Page - Texas Instruments THS1403 Datasheet HTML 8Page - Texas Instruments THS1403 Datasheet HTML 9Page - Texas Instruments THS1403 Datasheet HTML 10Page - Texas Instruments THS1403 Datasheet HTML 11Page - Texas Instruments THS1403 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
THS1401
THS1403
THS1408
SLAS248D − DECEMBER 1999 − REVISED SEPTEMBER 2005
www.ti.com
8
PARAMETER MEASUREMENT INFORMATION
read timing (15-pF load)
PARAMETER
MIN
TYP
MAX
UNIT
tsu(OE−ACS)
Address and chip select setup time
4
ns
ten
Output enable
15
ns
tdis
Output disable
10
ns
th(A)
Address hold time
1
ns
th(CS)
Chip select hold time
0
ns
NOTE: All timing parameters refer to a 50% level.
DATA
ADDRESS
CS
OE
D[13:0]
O V
A[1:0]
X
X
tsu(OE−ACS)
ten
th(CS)
tdis
th(A)
Figure 2. Read Timing


Similar Part No. - THS1403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1403 TI-THS1403 Datasheet
312Kb / 22P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1403 TI-THS1403 Datasheet
585Kb / 26P
[Old version datasheet]   14-Bit, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1403-EP TI-THS1403-EP Datasheet
646Kb / 27P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1403CPFB TI-THS1403CPFB Datasheet
312Kb / 22P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1403CPFB TI-THS1403CPFB Datasheet
585Kb / 26P
[Old version datasheet]   14-Bit, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
More results

Similar Description - THS1403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1401 TI-THS1401_07 Datasheet
585Kb / 26P
[Old version datasheet]   14-Bit, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401-EP TI-THS1401-EP Datasheet
646Kb / 27P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401 TI-THS1401 Datasheet
312Kb / 22P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS14F01 TI-THS14F01 Datasheet
317Kb / 23P
[Old version datasheet]   14-BIT, 1 MSPS/ 3 MSPS, DSP COMPATIBLE, ANALOG-TO-DIGITAL CONVERTERS WITH FIFO INTERNAL REFERENCE AND PGA
THS1408-EP TI1-THS1408-EP_14 Datasheet
493Kb / 28P
[Old version datasheet]   14-BIT, 3/8 MSPS DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PGA
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
ADS5424 TI1-ADS5424_14 Datasheet
1Mb / 29P
[Old version datasheet]   14 Bit, 105 MSPS Analog-to-Digital Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
[Old version datasheet]   14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com