Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3061DG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # THS3061DG4
Description  LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3061DG4 Datasheet(HTML) 3 Page - Texas Instruments

  THS3061DG4 Datasheet HTML 1Page - Texas Instruments THS3061DG4 Datasheet HTML 2Page - Texas Instruments THS3061DG4 Datasheet HTML 3Page - Texas Instruments THS3061DG4 Datasheet HTML 4Page - Texas Instruments THS3061DG4 Datasheet HTML 5Page - Texas Instruments THS3061DG4 Datasheet HTML 6Page - Texas Instruments THS3061DG4 Datasheet HTML 7Page - Texas Instruments THS3061DG4 Datasheet HTML 8Page - Texas Instruments THS3061DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
NC − No internal connection
1
2
3
4
8
7
6
5
NC
VIN −
VIN +
VS−
NC
VS+
VOUT
NC
1
2
3
4
8
7
6
5
1VOUT
1VIN −
1VIN +
VS−
VS+
2VOUT
2VIN −
2VIN+
THS3062
D, DDA, DGN
THS3061
D, DGN
TOP VIEW
TOP VIEW
_
+
Rg
Rf
RL
VO
VI
RT
_
+
Rg
Rf
50
RL
VO
VI
THS3061
THS3062
www.ti.com
SLOS394B – JULY 2002 – REVISED NOVEMBER 2009
ORDERING INFORMATION(1)
PART NUMBER
PACKAGE TYPE
PACKAGE MARKING
TRANSPORT MEDIA, QUANTITY
Single
THS3061D
Rails, 75
SOIC-8
THS3061DR
Tape and Reel, 2500
THS3061DGN
Rails, 80
MSOP-8-PP(2)
BIB
THS3061DGNR
Tape and Reel, 2500
Dual
THS3062D
Rails, 75
SOIC-8
THS3062DR
Tape and Reel, 2500
THS3062DDA
Rails, 75
SOIC-8-PP(2)
THS3062DDAR
Tape and Reel, 2500
THS3062DGN
Rails, 80
MSOP-8-PP(2)
BIC
THS3062DGNR
Tape and Reel, 2500
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
The PowerPAD is electrically isolated from all other pins.
PIN ASSIGNMENTS
PARAMETER MEASUREMENT INFORMATION
Figure 1. Noninverting Test Circuit
Figure 2. Inverting Test Circuit
Copyright © 2002–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): THS3061 THS3062


Similar Part No. - THS3061DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3061DG4 TI1-THS3061DG4 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
More results

Similar Description - THS3061DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3062DGNR TI1-THS3062DGNR Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3061 TI-THS3061 Datasheet
206Kb / 25P
[Old version datasheet]   LOW DISTORTION HIGH SLEW RATE CURRENT FREEBACK AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com