Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMD18K Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # PMD18K
Description  SILICON POWER DARINGTON TRANSISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

PMD18K Datasheet(HTML) 1 Page - Central Semiconductor Corp

  PMD18K Datasheet HTML 1Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PMD18K80
PMD18K100
MAXIMUM RATINGS: (TC=25°C)
SYMBOL
PMD19K80
PMD19K100
UNITS
Collector-Base Voltage
VCBO
80
100
V
Collector-Emitter Voltage
VCER
80
100
V
Collector-Emitter Voltage
VCEO
80
100
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
30
A
Peak Collector Current
ICM
60
A
Continuous Base Current
IB
750
mA
Power Dissipation (TC=50°C)
PD
240
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
JC
0.625
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICER
VCE=54V, RBE=2.2kΩ (PMD18K, 19K80)
10
mA
ICER
VCE=67V, RBE=2.2kΩ (PMD18K, 19K100)
10
mA
IEBO
VEB=5.0V
3.0
mA
BVCER
IC=100mA, RBE=2.2kΩ (PMD18K, 19K80)
80
V
BVCER
IC=100mA, RBE=2.2kΩ (PMD18K, 19K100) 100
V
BVCEO
IC=100mA (PMD18K, 19K80)
80
V
BVCEO
IC=100mA (PMD18K, 19K100)
100
V
VCE(SAT) IC=15A, IB=60mA
2.0
V
VBE(SAT) IC=15A, IB=60mA
2.8
V
VBE(ON)
VCE=3.0V, IC=15A
2.8
V
hFE
VCE=3.0V, IC=15A (PMD18K series)
1.0K
20K
hFE
VCE=3.0V, IC=15A (PMD19K series)
800
20K
hfe
VCE=3.0V, IC=9.0A, f=1.0kHz
300
fT
VCE=3.0V, IC=9.0A, f=1.0MHz
4.0
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
600
pF
PMD18K SERIES
NPN
PMD19K SERIES
PNP
COMPLEMENTARY SILICON
DARLINGTON POWER
TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR PMD18K, PMD19K
series types are complementary silicon Darlington
power transistors, manufactured by the epitaxial base
process, designed for power switching applications.
These devices are designed to be electrical/mechanical
equivalents to Lambda part numbers.
MARKING: FULL PART NUMBER
TO-3 CASE
R1 (2-October 2012)
www.centr a lsemi.com


Similar Part No. - PMD18K

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
PMD18K CENTRAL-PMD18K Datasheet
488Kb / 2P
   COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
PMD18K100 CENTRAL-PMD18K100 Datasheet
54Kb / 1P
   Power Transistors
logo
Seme LAB
PMD18K100 SEME-LAB-PMD18K100 Datasheet
21Kb / 2P
   NPN DARLINGTON POWER TRANSISTOR
logo
Central Semiconductor C...
PMD18K100 CENTRAL-PMD18K100 Datasheet
488Kb / 2P
   COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
PMD18K60 CENTRAL-PMD18K60 Datasheet
54Kb / 1P
   Power Transistors
More results

Similar Description - PMD18K

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N6648 CENTRAL-2N6648 Datasheet
92Kb / 2P
   PNP silicon power darington transistor
logo
Sanyo Semicon Device
2SC5476 SANYO-2SC5476 Datasheet
348Kb / 3P
   NPN SILICON PLANAR SILICON DARINGTON TRANSISTOR
logo
Toshiba Semiconductor
2SD799 TOSHIBA-2SD799 Datasheet
258Kb / 3P
   SILICON NPN TRIPLE DIFFUSED TYPE(DARINGTON PPOWER)
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com