Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3062DDA Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS3062DDA
Description  LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3062DDA Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS3062DDA Datasheet HTML 7Page - Texas Instruments THS3062DDA Datasheet HTML 8Page - Texas Instruments THS3062DDA Datasheet HTML 9Page - Texas Instruments THS3062DDA Datasheet HTML 10Page - Texas Instruments THS3062DDA Datasheet HTML 11Page - Texas Instruments THS3062DDA Datasheet HTML 12Page - Texas Instruments THS3062DDA Datasheet HTML 13Page - Texas Instruments THS3062DDA Datasheet HTML 14Page - Texas Instruments THS3062DDA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
0
50
100
150
200
250
300
10
100
1 k
10 k
100 k
f - Frequency - Hz
In-
In+
VCC = ±15 V,
VCC = ±5 V,
VCC = ±2.5 V,
0
10
20
30
40
50
60
70
80
90
100 k
1 M
10 M
100 M
1 G
f - Frequency - Hz
THS3061
THS3062
G = 2
VCC = ±15 V, ±5 V
RL = 150 Ω
Rf = 1 kΩ
100 k
1 M
10 M
100 M
1 G
f - Frequency - Hz
G = 2
Rf = 560 Ω
VCC = ±15 V
0.01
0.1
1
10
100
1000
-10
0
10
20
30
40
50
60
70
100 k
1 M
10 M
100 M
f - Frequency - Hz
PSRR-
PSRR+
VCC = ±15 V, ±5 V
G = 2
Rf = 560 Ω
RL = 150 Ω
VO = 35 mVPP
10
100
1 k
10 k
100 k
f - Frequency - Hz
0
5
10
15
20
25
30
35
40
45
VCC = ±5 V
VCC = ±15 V
0
10
20
30
40
50
60
70
80
-15
-10
-5
0
5
10
15
Input Common-Mode Voltage Range - V
RL = 150 Ω
85
°C
25
°C
-40
°C
0
3
6
9
12
15
18
21
24
4
6
8
10
12
14
16
Power Supply Voltage - V
0
2
4
6
8
10
12
2.5
4.5
6.5
8.5
10.5
12.5
14.5
16.5
Power Supply Voltage - V
85
°C
25
°C
-40
°C
0
500
1000
1500
2000
2500
3000
3500
0
2
4
6
VO - Output Voltage - V
VCC = ±5
VCC = ±15
G = -1
Rf = 475 Ω
RL = 150 Ω
TA = 25°C
THS3061
THS3062
www.ti.com
SLOS394B – JULY 2002 – REVISED NOVEMBER 2009
TYPICAL CHARACTERISTICS (continued)
OUTPUT IMPEDANCE
INPUT CURRENT NOISE
vs
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
vs FREQUENCY
FREQUENCY
Figure 30.
Figure 31.
Figure 32.
VOLTAGE NOISE DENSITY
COMMON-MODE REJECTION RATIO (DC)
vs
POWER-SUPPLY REJECTION RATIO
vs
FREQUENCY
vs FREQUENCY
INPUT COMMON-MODE RANGE
Figure 33.
Figure 34.
Figure 35.
THS3061
THS3062
SLEW RATE
SUPPLY CURRENT vs
SUPPLY CURRENT vs
vs
POWER-SUPPLY VOLTAGE
POWER-SUPPLY VOLTAGE
OUTPUT VOLTAGE
Figure 36.
Figure 37.
Figure 38.
Copyright © 2002–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS3061 THS3062


Similar Part No. - THS3062DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3062DDA TI-THS3062DDA Datasheet
206Kb / 25P
[Old version datasheet]   LOW DISTORTION HIGH SLEW RATE CURRENT FREEBACK AMPLIFIERS
THS3062DDA TI1-THS3062DDA Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3062DDAG3 TI1-THS3062DDAG3 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
More results

Similar Description - THS3062DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3062DGNR TI1-THS3062DGNR Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3061 TI-THS3061 Datasheet
206Kb / 25P
[Old version datasheet]   LOW DISTORTION HIGH SLEW RATE CURRENT FREEBACK AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com