Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3465G Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MSP3465G
Description  MSP 34x5G Multistandard Sound Processor Family
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSP3465G Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MSP3465G Datasheet HTML 1Page - List of Unclassifed Manufacturers MSP3465G Datasheet HTML 2Page - List of Unclassifed Manufacturers MSP3465G Datasheet HTML 3Page - List of Unclassifed Manufacturers MSP3465G Datasheet HTML 4Page - List of Unclassifed Manufacturers MSP3465G Datasheet HTML 5Page - List of Unclassifed Manufacturers MSP3465G Datasheet HTML 6Page - List of Unclassifed Manufacturers MSP3465G Datasheet HTML 7Page - List of Unclassifed Manufacturers MSP3465G Datasheet HTML 8Page - List of Unclassifed Manufacturers MSP3465G Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
MSP 34x5G
PRELIMINARY DATA SHEET
4
Micronas
Contents, continued
Page
Section
Title
79
6.3.1.1.
Function in Automatic Sound Select Mode
79
6.3.1.2.
Function in Manual Mode
81
6.3.2.
A2 Threshold
81
6.3.3.
Carrier-Mute Threshold
82
6.3.4.
Register AD_CV
83
6.3.5.
Register MODE_REG
85
6.3.6.
FIR-Parameter, Registers FIR1 and FIR2
85
6.3.7.
DCO-Registers
87
6.4.
Manual/Compatibility Mode: Description of Demodulator Read Registers
87
6.4.1.
NICAM Mode Control/Additional Data Bits Register
87
6.4.2.
Additional Data Bits Register
87
6.4.3.
CIB Bits Register
88
6.4.4.
NICAM Error Rate Register
88
6.4.5.
PLL_CAPS Readback Register
88
6.4.6.
AGC_GAIN Readback Register
88
6.4.7.
Automatic Search Function for FM-Carrier Detection in Satellite Mode
89
6.5.
Manual/Compatibility Mode: Description of DSP Write Registers
89
6.5.1.
Additional Channel Matrix Modes
89
6.5.2.
Volume Modes of SCART1 Output
89
6.5.3.
FM Fixed Deemphasis
89
6.5.4.
FM Adaptive Deemphasis
89
6.5.5.
NICAM Deemphasis
90
6.5.6.
Identification Mode for A2 Stereo Systems
90
6.5.7.
FM DC Notch
90
6.6.
Manual/Compatibility Mode: Description of DSP Read Registers
90
6.6.1.
Stereo Detection Register for A2 Stereo Systems
90
6.6.2.
DC Level Register
91
6.7.
Demodulator Source Channels in Manual Mode
91
6.7.1.
Terrestric Sound Standards
91
6.7.2.
SAT Sound Standards
91
6.8.
Exclusions of Audio Baseband Features
91
6.9.
Compatibility Restrictions to MSP 34x5D
93
7.
Appendix D: Application Information
93
7.1.
Phase Relationship of Analog Outputs
94
7.2.
Application Circuit
96
8.
Appendix E: MSP 34x5G Version History
96
9.
Data Sheet History
License Notice:
“Dolby Pro Logic” is a trademark of Dolby Laboratories.
Supply of this implementation of Dolby Technology does not convey a license nor imply a right under any patent, or any other industrial or intellec-
tual property right of Dolby Laboratories, to use this implementation in any finished end-user or ready-to-use final product. Companies planning to
use this implementation in products must obtain a license from Dolby Laboratories Licensing Corporation before designing such products.


Similar Part No. - MSP3465G

ManufacturerPart #DatasheetDescription
logo
Micronas
MSP3460G MICRONAS-MSP3460G Datasheet
1Mb / 106P
   Multistandard Sound Processor Family
MSP3461G MICRONAS-MSP3461G Datasheet
871Kb / 104P
   Multistandard Sound Processor Family with Virtual Dolby Surround
MSP3467G MICRONAS-MSP3467G Datasheet
1Mb / 81P
   Multistandard Sound Processor Family
More results

Similar Description - MSP3465G

ManufacturerPart #DatasheetDescription
logo
Micronas
MSP3410G MICRONAS-MSP3410G Datasheet
1Mb / 106P
   Multistandard Sound Processor Family
MSP34X0G MICRONAS-MSP34X0G Datasheet
653Kb / 96P
   Multistandard Sound Processor Family
MSP34X7G MICRONAS-MSP34X7G Datasheet
1Mb / 81P
   Multistandard Sound Processor Family
MSP3438G MICRONAS-MSP3438G Datasheet
739Kb / 84P
   Multistandard Sound Processor Family
logo
List of Unclassifed Man...
MSP3430 ETC1-MSP3430 Datasheet
1Mb / 101P
   Multistandard Sound Processor Family
logo
Micronas
MSP3410B MICRONAS-MSP3410B Datasheet
1Mb / 68P
   Multistandard Sound Processor
MSP44X8G MICRONAS-MSP44X8G Datasheet
665Kb / 85P
   Multistandard Sound Processor
MSP3400C MICRONAS-MSP3400C Datasheet
659Kb / 73P
   Multistandard Sound Processor
MSP3411G MICRONAS-MSP3411G Datasheet
1Mb / 102P
   Multistandard Sound Processor Family with Virtual Dolby Surround
MSP34X1G MICRONAS-MSP34X1G Datasheet
871Kb / 104P
   Multistandard Sound Processor Family with Virtual Dolby Surround
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com