Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3217IRGVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS3217IRGVT
Description  THS3217 DC to 800-MHz, Differential-to-Single-Ended, DAC Output Amplifier
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3217IRGVT Datasheet(HTML) 4 Page - Texas Instruments

  THS3217IRGVT Datasheet HTML 1Page - Texas Instruments THS3217IRGVT Datasheet HTML 2Page - Texas Instruments THS3217IRGVT Datasheet HTML 3Page - Texas Instruments THS3217IRGVT Datasheet HTML 4Page - Texas Instruments THS3217IRGVT Datasheet HTML 5Page - Texas Instruments THS3217IRGVT Datasheet HTML 6Page - Texas Instruments THS3217IRGVT Datasheet HTML 7Page - Texas Instruments THS3217IRGVT Datasheet HTML 8Page - Texas Instruments THS3217IRGVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
4
THS3217
SBOS766B – FEBRUARY 2016 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: THS3217
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Long-term continuous current for electromigration limits.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
Supply, +VCC – (–VCC)
16.2
V
Input/output
(–VCC) – 0.5
(+VCC) + 0.5
Differential input voltage (IN+ – IN–)
±8
Current
Continuous input current (IN+, IN–, VMID_IN, VIN+,
VIN–)(2)
±10
mA
Continuous output current(2)
±30
Temperature
Operating, TA
–55
105
°C
Junction, TJ
–45
150
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
+VCC
Positive supply voltage
4
6
7.9
V
–VCC
Negative supply voltage
–4
–6
–7.9
V
TA
Operating free-air temperature
–40
25
85
°C
(1)
Thermal impedance reported with backside thermal pad soldered to heat spreading plane. For more information about traditional and
new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
THS3217
UNIT
RGV (VQFN)
16 PINS
RθJA
Junction-to-ambient thermal resistance
45
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
45
°C/W
RθJB
Junction-to-board thermal resistance
22
°C/W
ψJT
Junction-to-top characterization parameter
1
°C/W
ψJB
Junction-to-board characterization parameter
22
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4
°C/W


Similar Part No. - THS3217IRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3215 TI1-THS3215 Datasheet
1Mb / 71P
[Old version datasheet]   THS3215 650-MHz, Differential to Single-Ended DAC Output Amplifier
THS3215IRGVR TI1-THS3215IRGVR Datasheet
1Mb / 71P
[Old version datasheet]   THS3215 650-MHz, Differential to Single-Ended DAC Output Amplifier
THS3215IRGVT TI1-THS3215IRGVT Datasheet
1Mb / 71P
[Old version datasheet]   THS3215 650-MHz, Differential to Single-Ended DAC Output Amplifier
More results

Similar Description - THS3217IRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3215 TI1-THS3215 Datasheet
1Mb / 71P
[Old version datasheet]   THS3215 650-MHz, Differential to Single-Ended DAC Output Amplifier
logo
Sony Corporation
CXA1077M SONY-CXA1077M Datasheet
126Kb / 7P
   WIDEBAND DIFFERENTIAL AMPLIFIER (DC TO 180 MHZ)
logo
Tyco Electronics
A89 MACOM-A89 Datasheet
113Kb / 1P
   100 TO 800 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A67 MA-COM-A67 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 800 MHz
A89 MA-COM-A89 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 800 MHz
logo
Teledyne Technologies I...
A2CP4122 TELEDYNE-A2CP4122 Datasheet
145Kb / 2P
   800 TO 4000 MHz COUGARPAK짰 AMPLIFIER
logo
Tyco Electronics
A89 MACOM-A89_1 Datasheet
387Kb / 2P
   Cascadable Amplifier 100 to 800 MHz
logo
M/A-COM Technology Solu...
A89 MA-COM-A89_15 Datasheet
652Kb / 3P
   Cascadable Amplifier 100 to 800 MHz
logo
Tyco Electronics
A67 MACOM-A67 Datasheet
359Kb / 2P
   Cascadable Amplifier 10 to 800 MHz
logo
Teledyne Technologies I...
AC829 TELEDYNE-AC829 Datasheet
176Kb / 2P
   10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com