Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4031CD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS4031CD
Description  THS403x 100-MHz Low-Noise High-Speed Amplifiers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4031CD Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS4031CD Datasheet HTML 6Page - Texas Instruments THS4031CD Datasheet HTML 7Page - Texas Instruments THS4031CD Datasheet HTML 8Page - Texas Instruments THS4031CD Datasheet HTML 9Page - Texas Instruments THS4031CD Datasheet HTML 10Page - Texas Instruments THS4031CD Datasheet HTML 11Page - Texas Instruments THS4031CD Datasheet HTML 12Page - Texas Instruments THS4031CD Datasheet HTML 13Page - Texas Instruments THS4031CD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
10
THS4031, THS4032
SLOS224H – JULY 1999 – REVISED JUNE 2016
www.ti.com
Product Folder Links: THS4031 THS4032
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
7.8 Typical Characteristics
Table 2. Table of Graphs
FIGURE
Input offset voltage distribution
Figure 1,
Figure 2
Input offset voltage
vs Free-air temperature
Figure 3
Input bias current
vs Free-air temperature
Figure 4
Output voltage swing
vs Supply voltage
Figure 5
Maximum output voltage swing
vs Free-air temperature
Figure 6
Maximum output current
vs Free-air temperature
Figure 7
Supply current
vs Free-air temperature
Figure 8
Common-mode input voltage
vs Supply voltage
Figure 9
Closed-loop output impedance
vs Frequency
Figure 10
Open-loop gain and phase response
vs Frequency
Figure 11
Power-supply rejection ratio
vs Frequency
Figure 12
Common-mode rejection ratio
vs Frequency
Figure 13
Crosstalk
vs Frequency
Figure 14
Harmonic distortion
vs Frequency
Figure 15,
Figure 16
Harmonic distortion
vs Peak-to-peak output voltage
Figure 17,
Figure 18
Slew rate
vs Free-air temperature
Figure 19
0.1% settling time
vs Output voltage step size
Figure 20
Small signal frequency response with varying feedback resistance
Gain = 1, VCC = ±15 V, RL = 1 kΩ
Figure 21
Frequency response with varying output voltage swing
Gain = 1, VCC = ±15 V, RL = 1 kΩ
Figure 22
Small signal frequency response with varying feedback resistance
Gain = 1, VCC = ±15 V, RL = 150 kΩ
Figure 23
Frequency response with varying output voltage swing
Gain = 1, VCC = ±15 V, RL = 150 kΩ
Figure 24
Small signal frequency response with varying feedback resistance
Gain = 1, VCC = ±5 V, RL = 1 kΩ
Figure 25
Frequency response with varying output voltage swing
Gain = 1, VCC = ±5 V, RL = 1 kΩ
Figure 26
Small signal frequency response with varying feedback resistance
Gain = 1, VCC = ±5 V, RL = 150 kΩ
Figure 27
Frequency response with varying output voltage swing
Gain = 1, VCC = ±5 V, RL = 150 kΩ
Figure 28
Small signal frequency response with varying feedback resistance
Gain = 2, VCC = ±5 V, RL = 150 kΩ
Figure 29
Small signal frequency response with varying feedback resistance
Gain = 2, VCC = ±5 V, RL = 150 kΩ
Figure 30
Small signal frequency response with varying feedback resistance
Gain = –1, VCC = ±15 V, RL = 150 kΩ
Figure 31
Frequency response with varying output voltage swing
Gain = –1, VCC = ±5 V, RL = 150 kΩ
Figure 32
Small signal frequency response
Gain = 5, VCC = ±15 V, ±5 V
Figure 33
Output amplitude
vs Frequency, Gain = 2, VS = ±15 V
Figure 34
Output amplitude
vs Frequency, Gain = 2, VS = ±5 V
Figure 35
Output amplitude
vs Frequency, Gain = –1, VS = ±15 V
Figure 36
Output amplitude
vs Frequency, Gain = –1, VS = ±5 V
Figure 37
Differential phase
vs Number of 150-
Ω loads
Figure 38,
Figure 39
Differential gain
vs Number of 150-
Ω loads
Figure 40,
Figure 41
1-V step response
vs Time
Figure 42,
Figure 43
4-V step response
vs Time
Figure 44
20-V step response
vs Time
Figure 45


Similar Part No. - THS4031CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031CD TI-THS4031CD Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CD TI-THS4031CD Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDG4 TI-THS4031CDG4 Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDGN TI-THS4031CDGN Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDGN TI-THS4031CDGN Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4031CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI1-THS4021_16 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com