Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4304DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS4304DBVT
Description  Wideband Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4304DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS4304DBVT Datasheet HTML 6Page - Texas Instruments THS4304DBVT Datasheet HTML 7Page - Texas Instruments THS4304DBVT Datasheet HTML 8Page - Texas Instruments THS4304DBVT Datasheet HTML 9Page - Texas Instruments THS4304DBVT Datasheet HTML 10Page - Texas Instruments THS4304DBVT Datasheet HTML 11Page - Texas Instruments THS4304DBVT Datasheet HTML 12Page - Texas Instruments THS4304DBVT Datasheet HTML 13Page - Texas Instruments THS4304DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
www.ti.com
−110
−100
−90
−80
−70
−60
−50
−40
−30
1 M
10 M
100 M
MSOP and SOT-23
RL = 100 Ω to 1 kΩ
Gain = 2,
RF = 249 Ω,
VO = 2 VPP,
VS = 5 V
f − Frequency − Hz
−110
−100
−90
−80
−70
−60
−50
−40
1 M
10 M
100 M
MSOP and SOT-23
RL = 100 Ω to 1 kΩ
Gain = 2,
RF = 249 Ω,
VO = 1 VPP,
VS = 5 V
f − Frequency − Hz
−110
−100
−90
−80
−70
−60
−50
−40
1 M
10 M
100 M
f − Frequency − Hz
Gain = 2
RF = 249 Ω
VO = 1 VPP
VS = 5 V
MSOP RL = 100 Ω
SOT-23 RL = 100 Ω
MSOP and SOT-23 RL = 499 Ω to 1 kΩ
−110
−100
−90
−80
−70
−60
−50
−40
−30
0
0.5
1
1.5
2
2.5
3
Gain = 2,
RF = 249 Ω,
RL = 100 Ω,
f = 10 MHz,
VS = 5 V
VO − Output Voltage − VPP
SOT-23 RL = 100 Ω to 1 kΩ
−110
−100
−90
−80
−70
−60
−50
−40
0
0.5
1
1.5
2
2.5
3
Gain = 2,
RF = 249 Ω,
RL = 100 Ω,
f = 10 MHz,
VS = 5 V
VO − Output Voltage − VPP
SOT-23 RL = 100 Ω
SOT-23 RL = 499 Ω to 1 kΩ
−110
−100
−90
−80
−70
−60
−50
−40
−30
10 M
100 M
VO = 2 VPP
envelope
VO = 1 VPP
envelope
f − Frequency − Hz
Gain = 2,
RF = 249 Ω,
RL = 100 Ω,
200 kHz Spacing,
VS = 5 V
1
10
100
1000
10
100
1 k
10 k
100 k
1 M
10 M
f − Frequency − Hz
Vn
In
10
20
30
40
50
60
10 M
100 M
f − Frequency − Hz
Gain = 2,
RF = 249 Ω,
RL = 100 Ω,
VO = 2−VPP envelope,
200−kHz Spacing,
VS = 5 V
400
450
500
550
600
650
700
750
800
850
900
0
0.5
1
1.5
2
2.5
3
Gain = 2,
RF = 249 Ω,
RL = 100 Ω,
VS = 5 V
VO − Output Voltage −VPP
Rise
Fall
THS4304
SLOS436A – MARCH 2004 – REVISED JULY 2004
TYPICAL CHARACTERISTICS (5 V) (continued)
3RD HARMONIC DISTORTION
2ND HARMONIC DISTORTION
3RD HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
3RD ORDER
2ND HARMONIC DISTORTION
3RD HARMONIC DISTORTION
INTERMODULATION DISTORTION
vs
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
FREQUENCY
Figure 13.
Figure 14.
Figure 15.
3RD ORDER
OUTPUT INTERCEPT POINT
SLEW RATE
NOISE
vs
vs
vs
FREQUENCY
OUTPUT VOLTAGE
FREQUENCY
Figure 16.
Figure 17.
Figure 18.
10


Similar Part No. - THS4304DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4304DBVT TI-THS4304DBVT Datasheet
869Kb / 26P
[Old version datasheet]   Wideband Operational Amplifier
THS4304DBVT TI1-THS4304DBVT Datasheet
1Mb / 33P
[Old version datasheet]   Wideband Operational Amplifier
More results

Similar Description - THS4304DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4304 TI-THS4304 Datasheet
869Kb / 26P
[Old version datasheet]   Wideband Operational Amplifier
THS4304 TI1-THS4304_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wideband Operational Amplifier
logo
Burr-Brown (TI)
OPA621 BURR-BROWN-OPA621 Datasheet
193Kb / 16P
   Wideband Precision OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
TDB2022 ETC1-TDB2022 Datasheet
349Kb / 8P
   WIDEBAND SINGLE OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA620 BURR-BROWN-OPA620 Datasheet
309Kb / 15P
   Wideband Precision OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
   Fast Settling, Wideband Operational Amplifier
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
   Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
logo
M.S. Kennedy Corporatio...
MSK3554 MSK-MSK3554 Datasheet
270Kb / 5P
   HIGH SPEED, WIDEBAND OPERATIONAL AMPLIFIER
logo
Maxim Integrated Produc...
AD3554 MAXIM-AD3554 Datasheet
669Kb / 6P
   WIDEBAND FST-SETTLING OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com