Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4551 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS4551
Description  Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4551 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS4551 Datasheet HTML 6Page - Texas Instruments THS4551 Datasheet HTML 7Page - Texas Instruments THS4551 Datasheet HTML 8Page - Texas Instruments THS4551 Datasheet HTML 9Page - Texas Instruments THS4551 Datasheet HTML 10Page - Texas Instruments THS4551 Datasheet HTML 11Page - Texas Instruments THS4551 Datasheet HTML 12Page - Texas Instruments THS4551 Datasheet HTML 13Page - Texas Instruments THS4551 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
10
THS4551
SBOS778A – APRIL 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: THS4551
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics: (VS+) – (VS–) = 3 V (continued)
at TA ≈ 25°C, VOCM pin = open, RF = 1 kΩ, RL = 1 kΩ, VOUT = 2 VPP, 50-Ω input match, G = 1 V/V, PD = VS+, single-ended
input, differential output, and input and output referenced to default midsupply for ac-coupled tests (unless otherwise noted);
see Figure 61 for a gain of 1-V/V test circuit
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
(6)
Specifications are from input VOCM pin to differential output average voltage.
OUTPUT COMMON-MODE VOLTAGE (VOCM) CONTROL
(6) (See Figure 65)
SSBW
Small-signal bandwidth
VOCM = 100 mVPP at the control pin
40
MHz
C
LSBW
Large-signal bandwidth
VOCM = 1 VPP at the control pin
8
MHz
C
SR
Slew rate(2)
From 1-VPP LSBW
12
V/µs
C
Output common-mode noise
VOCM pin driven from low impedance, f
≥ 2 kHz
15
nV/
√Hz
Gain
VOCM control pin input to output average voltage
(see Figure 65)
0.997
0.999
1.001
V/V
A
DC output balance (differential
mode to common-mode output)
VOUT = ±1 V
85
dB
C
Output balance
SSBW
VOUT = 100 mVPP (output balance drops –3 dB from
the 85-dB dc level)
300
kHz
C
LSBW
VOUT = 1 VPP (output balance drops –3 dB from the
85-dB dc level)
300
C
Input bias current
–100
±10
100
nA
A
Input impedance
47 || 1.3
kΩ || pF
C
Default voltage offset from
[(VS+) – (VS–)] / 2
VOCM pin open
–12
±2
12
mV
A
CM
VOS
Common-mode offset voltage
VOCM input driven to
[(VS+) – (VS–)] / 2
TA = 25°C
–5.0
±1
5.0
mV
A
TA = 0°C to +70°C
–5.25
5.5
B
TA = –40°C to +85°C
–5.7
5.6
B
TA = –40°C to +125°C
–5.7
6.0
B
Common-mode offset voltage
drift(4)
VOCM input driven to [(VS+) – (VS–)] / 2
–10
±2
10
µV/°C
B
Common-mode loop supply
headroom to negative supply
< ±4-mV shift from
midsupply CM VOS
TA = 25°C
0.55
V
A
TA = 0°C to +70°C
0.6
B
TA = –40°C to +85°C
0.65
B
TA = –40°C to +125°C
0.7
B
Common-mode loop supply
headroom to positive supply
< ±4-mV shift from
midsupply CM VOS
TA = 25°C
1.5
V
A
TA = 0°C to +70°C
1.6
B
TA = –40°C to +85°C
1.65
B
TA = –40°C to +125°C
1.7
B


Similar Part No. - THS4551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4551 TI-THS4551 Datasheet
3Mb / 51P
[Old version datasheet]   THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
More results

Similar Description - THS4551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4552 TI1-THS4552 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
logo
Microchip Technology
MCP6D11 MICROCHIP-MCP6D11 Datasheet
2Mb / 60P
   Low-Noise, Precision, 90 MHz Differential I/O Amplifier
08/15/18
logo
Texas Instruments
THP210 TI1-THP210 Datasheet
617Kb / 20P
[Old version datasheet]   THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THP210 TI1-THP210_V01 Datasheet
1Mb / 40P
[Old version datasheet]   THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THP210 TI-THP210_V02 Datasheet
2Mb / 41P
[Old version datasheet]   THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com