Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4031CDRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # THS4031CDRG4
Description  THS403x 100-MHz Low-Noise High-Speed Amplifiers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4031CDRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4031CDRG4 Datasheet HTML 2Page - Texas Instruments THS4031CDRG4 Datasheet HTML 3Page - Texas Instruments THS4031CDRG4 Datasheet HTML 4Page - Texas Instruments THS4031CDRG4 Datasheet HTML 5Page - Texas Instruments THS4031CDRG4 Datasheet HTML 6Page - Texas Instruments THS4031CDRG4 Datasheet HTML 7Page - Texas Instruments THS4031CDRG4 Datasheet HTML 8Page - Texas Instruments THS4031CDRG4 Datasheet HTML 9Page - Texas Instruments THS4031CDRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
6
THS4031, THS4032
SLOS224H – JULY 1999 – REVISED JUNE 2016
www.ti.com
Product Folder Links: THS4031 THS4032
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information – THS4031
THERMAL METRIC(1)
THS4031
UNIT
D (SOIC)
DGN (HVSSOP)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
128.9
61.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
80.9
53.9
°C/W
RθJB
Junction-to-board thermal resistance
69.2
43.2
°C/W
ψJT
Junction-to-top characterization parameter
23.7
3.8
°C/W
ψJB
Junction-to-board characterization parameter
68.8
42.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
14.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.5 Thermal Information – THS4032
THERMAL METRIC(1)
THS4032
UNIT
D (SOIC)
DGN (HVSSOP)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
121.2
56.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
72.8
48.4
°C/W
RθJB
Junction-to-board thermal resistance
61.4
37.7
°C/W
ψJT
Junction-to-top characterization parameter
18.2
2.5
°C/W
ψJB
Junction-to-board characterization parameter
61
37.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
9.9
°C/W
(1)
Full range = 0°C to 70°C for THS403xC and –40°C to 85°C for THS403xI suffix.
(2)
Full power bandwidth = slew rate / [
√2 πVOC(Peak)].
(3)
Slew rate is measured from an output level range of 25% to 75%.
7.6 Electrical Characteristics – RL = 150 Ω
At TA = 25°C, VCC = ±15 V, and RL = 150 Ω for the THS403xC, THS403xI (unless otherwise noted).
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE
BW
Small-signal bandwidth (–3
dB)
VCC = ±15 V
Gain = –1 or 2
100
MHz
VCC = ±5 V
90
Bandwidth for 0.1-dB
flatness
VCC = ±15 V
Gain = –1 or 2
50
MHz
VCC = ±5 V
45
Full power bandwidth(2)
VO(pp) = 20 V,
VCC = ±15 V
RL = 1 kΩ
2.3
MHz
VO(pp) = 5 V,
VCC = ±5 V
7.2
SR
Slew rate(3)
VCC = ±15 V,
20-V step
Gain = –1
100
V/μs
VCC = ±5 V,
5-V step
80
tS
Settling time to 0.1%
VCC = ±15 V,
5-V step
Gain = –1
60
ns
VCC = ±5 V,
2.5-V step
45
Settling time to 0.01%
VCC = ±15 V,
5-V step
Gain = –1
90
ns
VCC = ±5 V,
2.5-V step
80


Similar Part No. - THS4031CDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031CDRG4 TI-THS4031CDRG4 Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4031CDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI1-THS4021_16 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com