Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8881 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8881
Description  Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8881 Datasheet(HTML) 4 Page - Texas Instruments

  ADS8881 Datasheet HTML 1Page - Texas Instruments ADS8881 Datasheet HTML 2Page - Texas Instruments ADS8881 Datasheet HTML 3Page - Texas Instruments ADS8881 Datasheet HTML 4Page - Texas Instruments ADS8881 Datasheet HTML 5Page - Texas Instruments ADS8881 Datasheet HTML 6Page - Texas Instruments ADS8881 Datasheet HTML 7Page - Texas Instruments ADS8881 Datasheet HTML 8Page - Texas Instruments ADS8881 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
4
THS4551
SBOS778A – APRIL 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: THS4551
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Solder the exposed thermal pad (RGT package) to a heat-spreading power or ground plane. This pad is electrically isolated from the
die, but must be connected to a power or ground plane and not floated.
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
RGT(1)
RUN
DGK
FB–
1
O
Inverting (negative) output feedback
FB+
4
O
Noninverting (positive) output feedback
IN–
3
6
1
I
Inverting (negative) amplifier input
IN+
2
4
8
I
Noninverting (positive) amplifier input
NC
2, 8
No internal connection
OUT–
11
1
5
O
Inverting (negative) amplifier output
OUT+
10
9
4
O
Noninverting (positive) amplifier output
PD
12
3
7
I
Power down. PD = logic low = power off mode; PD = logic high = normal
operation.
VOCM
9
7
2
I
Common-mode voltage input
VS–
13-16
5
6
I
Negative power-supply input
VS+
5, 6, 7, 8
10
3
I
Positive power-supply input
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Long-term continuous current for electro-migration limits.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
Supply voltage, (VS+) – (VS–)
5.5
V
Input/output voltage range
(VS–) – 0.5
(VS+) + 0.5
Differential input voltage
±1
Current
Continuous input current
±10
mA
Continuous output current(2)
±20
Continuous power dissipation
See the Thermal Information and
Thermal Analysis sections
Temperature
Maximum junction
150
°C
Operating free-air, TA
–40
125
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±1250


Similar Part No. - ADS8881

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8881 TI-ADS8881 Datasheet
893Kb / 44P
[Old version datasheet]   18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881 TI-ADS8881 Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C Datasheet
1Mb / 57P
[Old version datasheet]   ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881CDGS TI1-ADS8881CDGS Datasheet
1Mb / 57P
[Old version datasheet]   Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881CDGSR TI1-ADS8881CDGSR Datasheet
1Mb / 57P
[Old version datasheet]   Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results

Similar Description - ADS8881

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4552 TI1-THS4552 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
logo
Microchip Technology
MCP6D11 MICROCHIP-MCP6D11 Datasheet
2Mb / 60P
   Low-Noise, Precision, 90 MHz Differential I/O Amplifier
08/15/18
logo
Texas Instruments
THP210 TI1-THP210 Datasheet
617Kb / 20P
[Old version datasheet]   THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THP210 TI1-THP210_V01 Datasheet
1Mb / 40P
[Old version datasheet]   THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THP210 TI-THP210_V02 Datasheet
2Mb / 41P
[Old version datasheet]   THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com