Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4021IDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS4021IDR
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4021IDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4021IDR Datasheet HTML 2Page - Texas Instruments THS4021IDR Datasheet HTML 3Page - Texas Instruments THS4021IDR Datasheet HTML 4Page - Texas Instruments THS4021IDR Datasheet HTML 5Page - Texas Instruments THS4021IDR Datasheet HTML 6Page - Texas Instruments THS4021IDR Datasheet HTML 7Page - Texas Instruments THS4021IDR Datasheet HTML 8Page - Texas Instruments THS4021IDR Datasheet HTML 9Page - Texas Instruments THS4021IDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
www.ti.com
−100
−90
−80
−70
−60
−50
f − Frequency − Hz
100k
10M
1M
G007
2nd Harmonic
3rd Harmonic
VCC = ± 15 V
RL = 1 kΩ
G = 10
VO(PP) = 2 V
−100
−90
−80
−70
−60
−50
f − Frequency − Hz
100k
10M
1M
G008
VCC = ± 5 V
RL = 1 kΩ
G = 10
VO(PP) = 2 V
2nd Harmonic
3rd Harmonic
−100
−90
−80
−70
−60
−50
f − Frequency − Hz
100k
10M
1M
G009
VCC = ± 15 V
RL = 150 Ω
G = 10
VO(PP) = 2 V
2nd Harmonic
3rd Harmonic
−100
−90
−80
−70
−60
−50
−40
f − Frequency − Hz
100k
10M
1M
G010
VCC = ± 5 V
RL = 150 Ω
G = 10
VO(PP) = 2 V
2nd Harmonic
3rd Harmonic
10
15
20
25
f − Frequency − Hz
10k
1G
1M
G011
100k
10M
100M
VCC = ± 15 V
Gain = 10
RL = 150 Ω
VO(PP) = 400 mV
RF = 150 Ω
RF = 220 Ω
10
15
20
25
f − Frequency − Hz
10k
1G
1M
G012
100k
10M
100M
VCC = ± 5 V
Gain = 10
RL = 150 Ω
VO(PP) = 400 mV
RF = 220 Ω
RF = 150 Ω
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
0
50
100 150 200 250 300 350 400
t − Time − ns
G015
VCC = ± 5 V
Gain = 10
RF = 220 Ω
RL = 150 Ω
10
15
20
25
30
f − Frequency − Hz
100k
1G
1M
G013
10M
100M
RF = 6.2 kΩ
RF = 220 Ω
VCC = ±15 V
Gain = 20
RL = 150 Ω
VO(PP) = 400 mV
RF = 1 kΩ
10
15
20
25
30
f − Frequency − Hz
100k
1G
1M
G014
10M
100M
RF = 6.2 kΩ
RF = 220 Ω
VCC = ±5 V
Gain = 20
RL = 150 Ω
VO(PP) = 400 mV
RF = 1 kΩ
THS4021
THS4022
SLOS265C – SEPTEMBER 1999 – REVISED JULY 2007
TYPICAL CHARACTERISTICS (continued)
DISTORTION
DISTORTION
DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 9.
Figure 10.
Figure 11.
DISTORTION
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 12.
Figure 13.
Figure 14.
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
vs
vs
FREQUENCY
FREQUENCY
1-V STEP RESPONSE
Figure 15.
Figure 16.
Figure 17.
6
Submit Documentation Feedback
Copyright © 1999–2007, Texas Instruments Incorporated
Product Folder Link(s): THS4021 THS4022


Similar Part No. - THS4021IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4021ID TI-THS4021ID Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021IDGN TI-THS4021IDGN Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4021IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI1-THS4031_16 Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
logo
Analog Devices
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com