Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS5641 Datasheet(PDF) 11 Page - Texas Instruments

Part # THS5641
Description  8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS5641 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS5641_05 Datasheet HTML 7Page - Texas Instruments THS5641_05 Datasheet HTML 8Page - Texas Instruments THS5641_05 Datasheet HTML 9Page - Texas Instruments THS5641_05 Datasheet HTML 10Page - Texas Instruments THS5641_05 Datasheet HTML 11Page - Texas Instruments THS5641_05 Datasheet HTML 12Page - Texas Instruments THS5641_05 Datasheet HTML 13Page - Texas Instruments THS5641_05 Datasheet HTML 14Page - Texas Instruments THS5641_05 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
THS5641
8-BIT, 100 MSPS, CommsDAC
DIGITAL-TO-ANALOG CONVERTER
SLAS199A – MAY 1999 REVISED JUNE 1999
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 16
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
1020304050
Frequency – MHz
OUTPUT SPECTRUM FOR Fout = 10 MHz AND Fclock = 100 MSPS
AVDD = 5 V
DVDD = 5 V
Figure 17
–0.1
–0.05
0.00
0.05
0.10
0
32
64
96
128
160
192
224
256
Code
INTEGRAL NONLINEARITY
AVDD = 5 V
DVDD = 5 V
Figure 18
–0.05
–0.025
0.000
0.025
0.050
0
32
64
96
128
160
192
224
256
Code
DIFFERENTIAL NONLINEARITY
AVDD = 5 V
DVDD = 5 V
† AVDD and DVDD specified for each chart seperately, IOUTFS = 20 mA, single-ended output IOUT1, 50 Ω doubly terminated load, TA = 25°C
(unless otherwise noted.)


Similar Part No. - THS5641_05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5641A TI-THS5641A Datasheet
703Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641ADW TI-THS5641ADW Datasheet
703Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641AIDW TI-THS5641AIDW Datasheet
703Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641AIDW TI1-THS5641AIDW Datasheet
897Kb / 31P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641AIDWG4 TI1-THS5641AIDWG4 Datasheet
897Kb / 31P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - THS5641_05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5641AIDWG4 TI1-THS5641AIDWG4 Datasheet
897Kb / 31P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651 TI1-THS5651_05 Datasheet
731Kb / 29P
[Old version datasheet]   10-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5661 TI1-THS5661_05 Datasheet
784Kb / 30P
[Old version datasheet]   12-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5671A TI-THS5671A Datasheet
825Kb / 31P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651A TI1-THS5651A_09 Datasheet
953Kb / 33P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641 TI-THS5641 Datasheet
702Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641A TI-THS5641A Datasheet
703Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5671A TI1-THS5671A_09 Datasheet
1,019Kb / 33P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-to-ANALOG COVERTER
DAC5674 TI-DAC5674_15 Datasheet
1Mb / 40P
[Old version datasheet]   14-BIT,400 MSPS,2X/4X INTERPOLATING COMMSDAC DIGITAL-TO-ANALOG CONVERTER
DAC5674 TI1-DAC5674 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com