Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4541IRUNT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS4541IRUNT
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4541IRUNT Datasheet(HTML) 4 Page - Texas Instruments

  THS4541IRUNT Datasheet HTML 1Page - Texas Instruments THS4541IRUNT Datasheet HTML 2Page - Texas Instruments THS4541IRUNT Datasheet HTML 3Page - Texas Instruments THS4541IRUNT Datasheet HTML 4Page - Texas Instruments THS4541IRUNT Datasheet HTML 5Page - Texas Instruments THS4541IRUNT Datasheet HTML 6Page - Texas Instruments THS4541IRUNT Datasheet HTML 7Page - Texas Instruments THS4541IRUNT Datasheet HTML 8Page - Texas Instruments THS4541IRUNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
THS4541
SLOS375A – AUGUST 2014 – REVISED SEPTEMBER 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, Vs+ – Vs–
5.5
V
Voltage
Input/output voltage range
(Vs–) – 0.5
(Vs+) + 0.5
V
Differential input voltage
±1
V
Continuous input current
±20
mA
Current
Continuous output current
±80
mA
Continuous power dissipation
See Thermal Information table and Thermal Analysis section
Maximum junction temperature
150
°C
Temperature
Operating free-air temperature range
–40
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
–2000
2000
Electrostatic
V(ESD)
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
–500
500
V
discharge
Machine model(2)
–150
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Vs+
Single-supply voltage
2.7
5
5.4
V
TA
Ambient temperature
–40
25
125
°C
7.4 Thermal Information
THS4541
THERMAL METRIC(1)
RGT (VQFN)
RUN (WQFN)
UNIT
16 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
52
146
RθJC(top)
Junction-to-case (top) thermal resistance
69
75
RθJB
Junction-to-board thermal resistance
25
39
°C/W
ψJT
Junction-to-top characterization parameter
2.7
14
ψJB
Junction-to-board characterization parameter
25
105
RθJC(bot)
Junction-to-case (bottom) thermal resistance
9.3
47
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: THS4541


Similar Part No. - THS4541IRUNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4541 TI1-THS4541 Datasheet
2Mb / 62P
[Old version datasheet]   Fully Differential Amplifier
THS4541 TI1-THS4541 Datasheet
2Mb / 64P
[Old version datasheet]   THS4541-Q1 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541 TI-THS4541 Datasheet
3Mb / 51P
[Old version datasheet]   THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
THS4541-DIE TI-THS4541-DIE Datasheet
1Mb / 25P
[Old version datasheet]   THS4541-DIE Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
NOVEMBER 2021
THS4541-Q1 TI1-THS4541-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   850-MHz Fully Differential Amplifier
More results

Similar Description - THS4541IRUNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4541 TI-THS4541_15 Datasheet
2Mb / 61P
[Old version datasheet]   THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541-Q1 TI1-THS4541-Q1_V01 Datasheet
2Mb / 64P
[Old version datasheet]   THS4541-Q1 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541-DIE TI-THS4541-DIE Datasheet
1Mb / 25P
[Old version datasheet]   THS4541-DIE Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
NOVEMBER 2021
LMH5485-SEP TI1-LMH5485-SEP_V01 Datasheet
1Mb / 31P
[Old version datasheet]   LMH5485-SEP Radiation Tolerant, Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
REVISED NOVEMBER 2022
LMH5485-SEP TI-LMH5485-SEP Datasheet
1Mb / 35P
[Old version datasheet]   LMH5485-SEP Radiation Tolerant Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
LMH5485-SP TI-LMH5485-SP_V01 Datasheet
1Mb / 33P
[Old version datasheet]   LMH5485-SP Radiation Hardened Assured (RHA) Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
LMH5485-SP TI-LMH5485-SP Datasheet
1Mb / 32P
[Old version datasheet]   LMH5485-SP Radiation Hardened Assured (RHA) Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521 Datasheet
1Mb / 43P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com