Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS10064 Datasheet(PDF) 4 Page - Texas Instruments

Part # THS10064
Description  10-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS10064 Datasheet(HTML) 4 Page - Texas Instruments

  THS10064_09 Datasheet HTML 1Page - Texas Instruments THS10064_09 Datasheet HTML 2Page - Texas Instruments THS10064_09 Datasheet HTML 3Page - Texas Instruments THS10064_09 Datasheet HTML 4Page - Texas Instruments THS10064_09 Datasheet HTML 5Page - Texas Instruments THS10064_09 Datasheet HTML 6Page - Texas Instruments THS10064_09 Datasheet HTML 7Page - Texas Instruments THS10064_09 Datasheet HTML 8Page - Texas Instruments THS10064_09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
THS10064
SLAS255B – DECEMBER 1999 – REVISED DECEMBER 2002
www.ti.com
4
ELECTRICAL CHARACTERISTICS
over recommended operating conditions, VREF = internal, fs = 6 MHz, fI = 2 MHz at –1 dBFS (unless otherwise noted)
AC SPECIFICATIONS, AVDD =5 V, BVDD = DVDD = 3.3 V, CL < 30 pF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SINAD
Signal to noise ratio + distortion
Differential mode
56
59
dB
SINAD
Signal-to-noise ratio + distortion
Single-ended mode(1)
55
59
dB
SNR
Signal to noise ratio
Differential mode
59
61
dB
SNR
Signal-to-noise ratio
Single-ended mode(1)
58
60
dB
THD
Total harmonic distortion
Differential mode
–64
–61
dB
THD
Total harmonic distortion
Single-ended mode
–63
–60
dB
ENOB
Effective number of bits
Differential mode
9
9.5
Bits
(SNR)
Effective number of bits
Single-ended mode(1)
8.85
9.35
Bits
SFDR
Spurious free dynamic range
Differential mode
61
65
dB
SFDR
Spurious free dynamic range
Single-ended mode
60
64
dB
Analog Input
Full-power bandwidth with a source impedance of 150
Ω in
differential configuration.
Full scale sinewave, –3 dB
96
MHz
Full-power bandwidth with a source impedance of 150
Ω in
single-ended configuration.
Full scale sinewave, –3 dB
54
MHz
Small-signal bandwidth with a source impedance of 150
Ω in
differential configuration.
100 mVpp sinewave, –3 dB
96
MHz
Small-signal bandwidth with a source impedance of 150
Ω in
single-ended configuration.
100 mVpp sinewave, –3 dB
54
MHz
(1) The SNR (ENOB) and SINAD is degraded typically by 2 dB in single-ended mode when the reading of data is asynchronous to the sampling
clock.
TIMING SPECIFICATIONS(1)
AVDD = 5 V, DVDD = BVDD = 3.3 V, VREF = internal, CL < 30 pF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(DATA_AV)
Delay time
5
ns
td(o)
Delay time
5
ns
tpipe
Latency
5
CONV
CLK
(1) See Figure 27.


Similar Part No. - THS10064_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS10064CDA TI-THS10064CDA Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10064DA TI-THS10064DA Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10064IDA TI-THS10064IDA Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - THS10064_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1007 TI1-THS1007_14 Datasheet
329Kb / 34P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1009 TI-THS1009 Datasheet
235Kb / 31P
[Old version datasheet]   10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10082 TI-THS10082 Datasheet
263Kb / 34P
[Old version datasheet]   10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
THS1007 TI-THS1007 Datasheet
246Kb / 36P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1207 TI-THS1207 Datasheet
249Kb / 30P
[Old version datasheet]   12 bit 4 ANALOG INPUT 6 MSPS SIMULTANEOUS SAMPLING
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1209 TI1-THS1209 Datasheet
318Kb / 33P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com