Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4275 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS4275
Description  LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4275 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4275 Datasheet HTML 3Page - Texas Instruments THS4275 Datasheet HTML 4Page - Texas Instruments THS4275 Datasheet HTML 5Page - Texas Instruments THS4275 Datasheet HTML 6Page - Texas Instruments THS4275 Datasheet HTML 7Page - Texas Instruments THS4275 Datasheet HTML 8Page - Texas Instruments THS4275 Datasheet HTML 9Page - Texas Instruments THS4275 Datasheet HTML 10Page - Texas Instruments THS4275 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
THS4271
THS4275
www.ti.com
SLOS397F – JULY 2002 – REVISED OCTOBER 2009
ELECTRICAL CHARACTERISTICS: VS = 5 V (continued)
At RF = 249 Ω, RL = 499 Ω, G = +2, unless otherwise noted.
TYP
OVER TEMPERATURE (1)
MIN/
PARAMETER
TEST CONDITIONS
TYP/
0°C to
–40°C to
+25°C
+25°C
UNITS
MAX
+70°C
+85°C
POWER SUPPLY
Specified operating voltage
5
10
10
10
V
Max
Maximum quiescent current
20
22
25
27
mA
Max
Minimum quiescent current
20
18
16
14
mA
Min
Power-supply rejection (+PSRR)
VS+ = 5.5 V to 4.5 V, VS– = 0 V
85
75
62
62
dB
Min
Power-supply rejection (-PSRR)
VS+ = 5 V, VS– = –0.5 V to 0.5 V
75
65
60
60
dB
Min
POWER-DOWN CHARACTERISTICS (THS4275 Only)
Enable
REF+1.8
V
Min
REF = 0 V, or VS–
Power-down
REF+1
V
Max
Power-down voltage level(2)
Enable
REF–1
V
Min
REF = VS+ or Floating
Power-down
REF–1.7
V
Max
PD = Ref +1.0 V, Ref = 0 V
650
800
900
1000
μA
Max
Power-down quiescent current
PD = Ref –1.7 V, Ref = VS+
650
800
900
1000
μA
Max
Turn-on time delay [t(ON)]
50% of final value
4
μs
Typ
Turn-off time delay [t(OFF)]
50% of final value
3
μs
Typ
Input impedance
f = 1 MHz
6
G
Typ
Output impedance
100
k
Typ
(2)
For detail information on the power-down circuit, see the Power-Down section in the Application Information of this data sheet.
Copyright © 2002–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): THS4271 THS4275


Similar Part No. - THS4275

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4275D TI-THS4275D Datasheet
1Mb / 38P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
THS4275DG4 TI-THS4275DG4 Datasheet
1Mb / 38P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
THS4275DGK TI-THS4275DGK Datasheet
1Mb / 38P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
THS4275DGKR TI-THS4275DGKR Datasheet
1Mb / 38P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
THS4275DGKRG4 TI-THS4275DGKRG4 Datasheet
1Mb / 38P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
More results

Similar Description - THS4275

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4271-EP TI1-THS4271-EP Datasheet
1Mb / 44P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
THS4271 TI-THS4271 Datasheet
1Mb / 38P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
logo
Burr-Brown (TI)
OPA820 BURR-BROWN-OPA820 Datasheet
427Kb / 25P
   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Texas Instruments
OPA820-HT TI1-OPA820-HT_16 Datasheet
507Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA820 TI1-OPA820 Datasheet
823Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820-HT TI1-OPA820-HT Datasheet
473Kb / 30P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA4820ID TI1-OPA4820ID Datasheet
839Kb / 34P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com