Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4275 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS4275
Description  LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4275 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4275 Datasheet HTML 7Page - Texas Instruments THS4275 Datasheet HTML 8Page - Texas Instruments THS4275 Datasheet HTML 9Page - Texas Instruments THS4275 Datasheet HTML 10Page - Texas Instruments THS4275 Datasheet HTML 11Page - Texas Instruments THS4275 Datasheet HTML 12Page - Texas Instruments THS4275 Datasheet HTML 13Page - Texas Instruments THS4275 Datasheet HTML 14Page - Texas Instruments THS4275 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
−100
−90
−80
−70
−60
−50
0
1
2
3
4
5
VO − Output Voltage Swing − ±V
Gain = 1
f= 32 MHz
VS = ±5 V
HD2, RL = 499Ω
HD2, RL = 150Ω
HD3, RL = 150Ω
HD3, RL = 499Ω
−100
−90
−80
−70
−60
−50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VO − Output Voltage Swing − ±V
Gain = 2
Rf = 249 Ω
f = 8 MHz
VS = ±5 V
HD3, RL = 150Ω
HD2, RL = 499Ω
HD3, RL = 499Ω
HD2, RL = 150Ω
−100
−90
−80
−70
−60
−50
0
0.5 1
1.5 2
2.5 3
3.5 4
4.5 5
VO − Output Voltage Swing − ±V
Gain = 1
f= 8 MHz
VS = ±5 V
HD2, RL = 499Ω
HD2, RL = 150Ω
HD3, RL = 150Ω
HD3, RL = 499Ω
−100
−90
−80
−70
−60
−50
0
1
2
3
4
5
VO − Output Voltage Swing − ±V
Gain = 2
Rf = 249 Ω
f = 32 MHz
VS = ±5 V
HD3,
RL = 150Ω
HD2, RL = 499Ω
HD2, RL = 150Ω
HD3,
RL = 499Ω
−100
−90
−80
−70
−60
−50
−40
10
100
f − Frequency − MHz
Gain = 1
RL = 150 Ω
VS = ±5 V
200 kHz Tone Spacing
VO = 2 VPP
VO = 1 VPP
30
35
40
45
50
55
0
20
40
60
80
100
f − Frequency − MHz
Gain = 1
RL = 150 Ω
VS = ±5 V
200 kHz Tone Spacing
VO = 1 VPP
VO = 2 VPP
1
10
100
100
1 k
10 k
100 k
1 M
Vn
In
f − Frequency − Hz
10 M
100 M
1
10
100
−100
−90
−80
−70
−60
−50
−40
10
100
f − Frequency − MHz
VO = 2 VPP
VO = 1 VPP
Gain = 2
RL = 150 Ω
VS = ±5 V
200 kHz Tone Spacing
30
35
40
45
50
0
20
40
60
80
100
VO = 2 VPP
VO = 1 VPP
Gain = 2
RL = 150 Ω
VS = ±5 V
200 kHz Tone Spacing
f − Frequency − MHz
THS4271
THS4275
www.ti.com
SLOS397F – JULY 2002 – REVISED OCTOBER 2009
TYPICAL CHARACTERISTICS: ±5 V (continued)
HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING
Figure 10.
Figure 11.
Figure 12.
THIRD-ORDER INTERMODULATION
THIRD-ORDER INTERMODULATION
HARMONIC DISTORTION
DISTORTION
DISTORTION
vs
vs
vs
OUTPUT VOLTAGE SWING
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
Figure 15.
THIRD-ORDER INTERMODULATION
THIRD-ORDER OUTPUT INTERCEPT
DISTORTION
POINT
VOLTAGE AND CURRENT NOISE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 16.
Figure 17.
Figure 18.
Copyright © 2002–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS4271 THS4275


Similar Part No. - THS4275

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4275D TI-THS4275D Datasheet
1Mb / 38P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
THS4275DG4 TI-THS4275DG4 Datasheet
1Mb / 38P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
THS4275DGK TI-THS4275DGK Datasheet
1Mb / 38P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
THS4275DGKR TI-THS4275DGKR Datasheet
1Mb / 38P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
THS4275DGKRG4 TI-THS4275DGKRG4 Datasheet
1Mb / 38P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
More results

Similar Description - THS4275

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4271-EP TI1-THS4271-EP Datasheet
1Mb / 44P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
THS4271 TI-THS4271 Datasheet
1Mb / 38P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
logo
Burr-Brown (TI)
OPA820 BURR-BROWN-OPA820 Datasheet
427Kb / 25P
   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Texas Instruments
OPA820-HT TI1-OPA820-HT_16 Datasheet
507Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA820 TI1-OPA820 Datasheet
823Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820-HT TI1-OPA820-HT Datasheet
473Kb / 30P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA4820ID TI1-OPA4820ID Datasheet
839Kb / 34P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com