Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS5661IPWR Datasheet(PDF) 9 Page - Texas Instruments

Part # THS5661IPWR
Description  12-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS5661IPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS5661IPWR Datasheet HTML 5Page - Texas Instruments THS5661IPWR Datasheet HTML 6Page - Texas Instruments THS5661IPWR Datasheet HTML 7Page - Texas Instruments THS5661IPWR Datasheet HTML 8Page - Texas Instruments THS5661IPWR Datasheet HTML 9Page - Texas Instruments THS5661IPWR Datasheet HTML 10Page - Texas Instruments THS5661IPWR Datasheet HTML 11Page - Texas Instruments THS5661IPWR Datasheet HTML 12Page - Texas Instruments THS5661IPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
THS5661
12-BIT, 100 MSPS, CommsDAC
DIGITAL-TO-ANALOG CONVERTER
SLAS200A – MAY 1999 – REVISED JULY 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
48
54
60
66
72
78
–30 –27 –24 –21 –18 –15 –12
–9
–6
–3
0
DUAL TONE SPURIOUS FREE DYNAMIC RANGE
vs
AOUT AT FOUT = FCLOCK/7
Aout – dBFS
0.675/0.725 MHz @ 5 MSPS
13.5/14.5 MHz @ 100 MSPS
9.67/10.43 MHz @ 70 MSPS
3.38/3.63 MHz @ 25 MSPS
6.75/7.25 MHz @ 50 MSPS
–90
–84
–78
–72
–66
0
20406080
100
120
Figure 10
TOTAL HARMONIC DISTORTION
vs
CLOCK FREQUENCY AT FOUT = 2 MHZ
Fclock – MSPS
2nd Harmonic
3rd Harmonic
4th Harmonic
Figure 11
48
54
60
66
72
78
2
4
6
8
10
1214
161820
SPURIOUS FREE DYNAMIC RANGE
vs
FULL-SCALE OUTPUT CURRENT
IoutFS – mA
Fout = 2.5 MHz
Fout = 10 MHz
Fout = 40 MHz
Fout = 28.6 MHz
Figure 12
42
48
54
60
66
72
78
84
0
5
10
15
20
25
30
35
40
45
50
SPURIOUS FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY AT 100 MSPS
Fout – MHz
Differential @ –6 dBFS
Differential @ 0 dBFS
Single-ended @ 0 dBFS
Single-ended @ –6 dBFS
†AV
DD = DVDD = 5 V, IOUTFS = 20 mA, differential transformer coupled output, 50 Ω doubly terminated load, TA = 25°C (unless otherwise
noted.)


Similar Part No. - THS5661IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5661IPW TI-THS5661IPW Datasheet
755Kb / 29P
[Old version datasheet]   12-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - THS5661IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5651 TI1-THS5651_05 Datasheet
731Kb / 29P
[Old version datasheet]   10-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641 TI1-THS5641_05 Datasheet
731Kb / 29P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641AIDWG4 TI1-THS5641AIDWG4 Datasheet
897Kb / 31P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5671A TI-THS5671A Datasheet
825Kb / 31P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651A TI1-THS5651A_09 Datasheet
953Kb / 33P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5661 TI-THS5661 Datasheet
755Kb / 29P
[Old version datasheet]   12-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
ADS5295 TI-ADS5295 Datasheet
2Mb / 91P
[Old version datasheet]   12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
THS5671A TI1-THS5671A_09 Datasheet
1,019Kb / 33P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-to-ANALOG COVERTER
DAC5674 TI-DAC5674_15 Datasheet
1Mb / 40P
[Old version datasheet]   14-BIT,400 MSPS,2X/4X INTERPOLATING COMMSDAC DIGITAL-TO-ANALOG CONVERTER
DAC5674 TI1-DAC5674 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com