Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4601IDDARG3 Datasheet(PDF) 8 Page - Texas Instruments

Part # THS4601IDDARG3
Description  WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4601IDDARG3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4601IDDARG3 Datasheet HTML 4Page - Texas Instruments THS4601IDDARG3 Datasheet HTML 5Page - Texas Instruments THS4601IDDARG3 Datasheet HTML 6Page - Texas Instruments THS4601IDDARG3 Datasheet HTML 7Page - Texas Instruments THS4601IDDARG3 Datasheet HTML 8Page - Texas Instruments THS4601IDDARG3 Datasheet HTML 9Page - Texas Instruments THS4601IDDARG3 Datasheet HTML 10Page - Texas Instruments THS4601IDDARG3 Datasheet HTML 11Page - Texas Instruments THS4601IDDARG3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
THS4601
SLOS388B − OCTOBER 2001 − REVISED JUNE 2002
8
www.ti.com
TYPICAL CHARACTERISTICS
measurement conditions: TA = 25°C, RL = 1 kΩ, VS = ±15 V (unless otherwise noted)
Figure 2
−8
−6
−4
−2
0
2
4
6
8
100 k
1 M
10 M
100 M
1 G
Frequency − Hz
SMALL-SIGNAL UNITY GAIN
FREQUENCY RESPONSE
Gain = 1,
RF = 0Ω,
RL = 1 kΩ,
PIN = −30 dBm
Figure 3
−25
−20
−15
−10
−5
0
5
100 k
1 M
10 M
100 M
LARGE-SIGNAL UNITY GAIN
FREQUENCY RESPONSE
Gain = 1,
RF = 0 Ω,
RL = 1 kΩ,
PIN = 0 dBm
Frequency − Hz
Figure 4
−10
−8
−6
−4
−2
0
2
4
6
8
10
100 k
1 M
10 M
100 M
1 G
Frequency − Hz
SMALL-SIGNAL FREQUENCY RESPONSE,
GAIN = +2
Gain = 2,
RF = 62Ω,
RL = 1 kΩ,
PIN = −30 dBm
Figure 5
−15
−10
−5
0
5
10
15
20
100 k
1 M
10 M
100 M
1 G
Frequency − Hz
SMALL-SIGNAL FREQUENCY RESPONSE,
GAIN = +5
Gain = 5,
RF = 500Ω,
RL = 1 kΩ,
PIN = −30 dBm
Figure 6
−15
−10
−5
0
5
10
15
20
25
100 k
1 M
10 M
100 M
1 G
Frequency − Hz
SMALL-SIGNAL FREQUENCY RESPONSE,
GAIN = +10
Gain = 10,
RF = 1 kΩ,
RL = 1 kΩ,
PIN = −30 dBm
Figure 7
−10
0
10
20
30
40
50
100 k
1 M
10 M
100 M
1 G
Frequency − Hz
SMALL-SIGNAL FREQUENCY RESPONSE,
GAIN = +100
Gain = 100,
RF = 5 kΩ,
RL = 1 kΩ,
PIN = −30 dBm


Similar Part No. - THS4601IDDARG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4601IDDA TI-THS4601IDDA Datasheet
381Kb / 27P
[Old version datasheet]   WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
More results

Similar Description - THS4601IDDARG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4601 TI-THS4601 Datasheet
381Kb / 27P
[Old version datasheet]   WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
OPA655 TI1-OPA655 Datasheet
191Kb / 16P
[Old version datasheet]   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA656 NSC-OPA656 Datasheet
778Kb / 25P
   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656 TI1-OPA656 Datasheet
1Mb / 33P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
OPA656-DIE TI1-OPA656-DIE Datasheet
76Kb / 4P
[Old version datasheet]   WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA655 BURR-BROWN-OPA655 Datasheet
222Kb / 14P
   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656NB TI-OPA656NB Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA678 BURR-BROWN-OPA678 Datasheet
279Kb / 14P
   Wideband Switched-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH740A NSC-LH740A Datasheet
111Kb / 2P
   FET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com