Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS12082IDAG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # THS12082IDAG4
Description  12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS12082IDAG4 Datasheet(HTML) 3 Page - Texas Instruments

  THS12082IDAG4 Datasheet HTML 1Page - Texas Instruments THS12082IDAG4 Datasheet HTML 2Page - Texas Instruments THS12082IDAG4 Datasheet HTML 3Page - Texas Instruments THS12082IDAG4 Datasheet HTML 4Page - Texas Instruments THS12082IDAG4 Datasheet HTML 5Page - Texas Instruments THS12082IDAG4 Datasheet HTML 6Page - Texas Instruments THS12082IDAG4 Datasheet HTML 7Page - Texas Instruments THS12082IDAG4 Datasheet HTML 8Page - Texas Instruments THS12082IDAG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
THS12082
12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
SLAS271B – MAY 2000 – REVISED DECEMBER 2002
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AINP
30
I
Analog input, single-ended or positive input of differential channel A
AINM
29
I
Analog input, single-ended or negative input of differential channel A
AVDD
23
I
Analog supply voltage
AGND
24
I
Analog ground
BVDD
7
I
Digital supply voltage for buffer
BGND
8
I
Digital ground for buffer
CONV_CLK
(CONVST)
15
I
Digital input. This input is used to apply an external conversion clock in the continuous conversion mode.
In the single conversion mode, this input functions as the conversion start (CONVST) input. A high to low
transition on this input holds simultaneously the selected analog input channels and initiates a single
conversion of all selected analog inputs.
CS0
22
I
Chip select input (active low)
CS1
21
I
Chip select input (active high)
DATA_AV
16
O
Data available signal, which can be used to generate an interrupt for processors and as a level
information of the internal FIFO. This signal can be configured to be active low or high and can be
configured as a static level or pulse output. See Table 14.
DGND
17
I
Digital ground. Ground reference for digital circuitry.
DVDD
18
I
Digital supply voltage
D0 – D9
1–6, 9–12
I/O/Z
Digital input, output; D0 = LSB
RA0/D10
13
I/O/Z
Digital input, output. The data line D10 is also used as an address line (RA0) for the control register. This
is required for writing to control register 0 and control register 1. See Table 8.
RA1/D11
14
I/O/Z
Digital input, output (D11 = MSB). The data line D11 is also used as an address line (RA1) for the control
register. This is required for writing to control register 0 and control register 1. See Table 8.
OV_FL
32
O
Overflow output. Indicates whether an overflow in the FIFO occurred. OV_FL is set to active high level if
an overflow occurs. It is set back to low level with a reset of the THS12082 or a reset of the FIFO.
REFIN
28
I
Common-mode reference input for the analog input channels. It is recommended that this pin be
connected to the reference output REFOUT.
REFP
26
I
Reference input, requires a bypass capacitor of 10
µF to AGND in order to bypass the internal reference
voltage. An external reference voltage at this input can be applied. This option can be programmed
through control register 0. See Table 9.
REFM
25
I
Reference input, requires a bypass capacitor of 10
µF to AGND in order to bypass the internal reference
voltage. An external reference voltage at this input can be applied. This option can be programmed
through control register 0. See Table 9.
RESET
31
I
Hardware reset of the THS12082. Sets the control register to default values.
REFOUT
27
O
Analog fixed reference output voltage of 2.5 V. Sink and source capability of 250
µA. The reference
output requires a capacitor of 10
µF to AGND for filtering and stability.
RD†
19
I
The RD input is used only if the WR input is configured as a write only input. In this case, it is a digital input,
active low as a data read select from the processor. See timing section.
WR (R/W)†
20
I
This input is programmable. It functions as a read-write input (R/W) and can also be configured as a
write-only input (WR), which is active low and used as data write select from the processor. In this case,
the RD input is used as a read input from the processor. See timing section.
† The start-conditions of RD and WR (R/W) are unknown. The first access to the ADC has to be a write access to initialize the ADC.


Similar Part No. - THS12082IDAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS12082IDA TI-THS12082IDA Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - THS12082IDAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
ADS8354 TI1-ADS8354 Datasheet
2Mb / 69P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
THS1009 TI-THS1009 Datasheet
235Kb / 31P
[Old version datasheet]   10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10082 TI-THS10082 Datasheet
263Kb / 34P
[Old version datasheet]   10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com