Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS12082IDAG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # THS12082IDAG4
Description  12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS12082IDAG4 Datasheet(HTML) 1 Page - Texas Instruments

  THS12082IDAG4 Datasheet HTML 1Page - Texas Instruments THS12082IDAG4 Datasheet HTML 2Page - Texas Instruments THS12082IDAG4 Datasheet HTML 3Page - Texas Instruments THS12082IDAG4 Datasheet HTML 4Page - Texas Instruments THS12082IDAG4 Datasheet HTML 5Page - Texas Instruments THS12082IDAG4 Datasheet HTML 6Page - Texas Instruments THS12082IDAG4 Datasheet HTML 7Page - Texas Instruments THS12082IDAG4 Datasheet HTML 8Page - Texas Instruments THS12082IDAG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
THS12082
12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
SLAS271B – MAY 2000 – REVISED DECEMBER 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
features
D Simultaneous Sampling of 2 Single-Ended
Signals or 1 Differential Signal
D Integrated 16 Word FIFO
D Signal-to-Noise and Distortion Ratio: 66 dB
at fI = 2 MHz
D Differential Nonlinearity Error: ±1 LSB
D Integral Nonlinearity Error: ±1.5 LSB
D Auto-Scan Mode for 2 Inputs
D 3-V or 5-V Digital Interface Compatible
D Low Power: 216 mW Max
D 5-V Analog Single Supply Operation
D Internal Voltage References . . . 50 PPM/°C
and
±5% Accuracy
D Parallel µC/DSP Interface
applications
D Radar Applications
D Communications
D Control Applications
D High-Speed DSP Front-End
D Automotive Applications
description
The THS12082 is a CMOS, low-power, 12-bit, 8 MSPS analog-to-digital converter (ADC). The speed,
resolution, bandwidth, and single-supply operation are suited for applications in radar, imaging, high-speed
acquisition, and communications. A multistage pipelined architecture with output error correction logic provides
for no missing codes over the full operating temperature range. Internal control registers allow for programming
the ADC into the desired mode. The THS12082 consists of two analog inputs, which are sampled
simultaneously. These inputs can be selected individually and configured to single-ended or differential inputs.
An integrated 16 word deep FIFO allows the storage of data in order to take the load off of the processor
connected to the ADC. Internal reference voltages for the ADC (1.5 V and 3.5 V) are provided.
An external reference can also be chosen to suit the dc accuracy and temperature drift requirements of the
application. Two different conversion modes can be selected. In the single conversion mode, a single and
simultaneous conversion can be initiated by using the single conversion start signal (CONVST). The conversion
clock in the single conversion mode is generated internally using a clock oscillator circuit. In the continuous
conversion mode, an external clock signal is applied to the CONV_CLK input of the THS12082. The internal
clock oscillator is switched off in the continuous conversion mode.
The THS12082C is characterized for operation from 0
°C to 70°C, and the THS12082I is characterized for
operation from –40
°C to 85°C.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
D0
D1
D2
D3
D4
D5
BVDD
BGND
D6
D7
D8
D9
RA0/D10
RA1/D11
CONV_CLK (CONVST)
DATA_AV
OV_FL
RESET
AINP
AINM
REFIN
REFOUT
REFP
REFM
AGND
AVDD
CS0
CS1
WR (R/W)
RD
DVDD
DGND
DA PACKAGE
(TOP VIEW)


Similar Part No. - THS12082IDAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS12082IDA TI-THS12082IDA Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - THS12082IDAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
ADS8354 TI1-ADS8354 Datasheet
2Mb / 69P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
THS1009 TI-THS1009 Datasheet
235Kb / 31P
[Old version datasheet]   10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10082 TI-THS10082 Datasheet
263Kb / 34P
[Old version datasheet]   10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com