Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8515512RA Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8515512RA
Description  HIGH-PERFORMANCE IMPACT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-8515512RA Datasheet(HTML) 10 Page - Texas Instruments

Back Button 5962-8515512RA Datasheet HTML 6Page - Texas Instruments 5962-8515512RA Datasheet HTML 7Page - Texas Instruments 5962-8515512RA Datasheet HTML 8Page - Texas Instruments 5962-8515512RA Datasheet HTML 9Page - Texas Instruments 5962-8515512RA Datasheet HTML 10Page - Texas Instruments 5962-8515512RA Datasheet HTML 11Page - Texas Instruments 5962-8515512RA Datasheet HTML 12Page - Texas Instruments 5962-8515512RA Datasheet HTML 13Page - Texas Instruments 5962-8515512RA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TIBPAL16L8-15M, TIBPAL16R4-15M
HIGH-PERFORMANCE
IMPACT ™ PAL® CIRCUITS
SRPS018B − D3338, JANUARY 1986 − REVISED NOVEMBER 2011
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range
TIBPAL16L8-15M
PARAMETER
TEST CONDITIONS
TIBPAL16R6-15M
UNIT
PARAMETER
TEST CONDITIONS
TIBPAL16R8-15M
UNIT
MIN
TYP
MAX
VIK
VCC = 4.5 V,
II = −18 mA
−1.5
V
VOH
VCC = 4.5 V,
IOH = −2 mA
2.4
3.3
V
VOL
VCC = 4.5 V,
IOL = 12 mA
0.35
0.5
V
I
Outputs
V
55 V
V
27 V
20
A
IOZH
I/O ports
VCC = 5.5 V,
VO = 2.7 V
100
μA
I
Outputs
V
55 V
V
04 V
−20
A
IOZL
I/O ports
VCC = 5.5 V,
VO = 0.4 V
−250
μA
I
Pin 1, 11
V
55 V
V
55 V
0.2
mA
II
All others
VCC = 5.5 V,
VI = 5.5 V
0.1
mA
Pin 1, 11
50
IIH
I/O ports
VCC = 5.5 V,
VI = 2.7 V
100
μA
IIH
All others
VCC 5.5 V,
VI 2.7 V
20
μA
I
I/O ports
V
55 V
V
04 V
−0.25
mA
IIL
All others
VCC = 5.5 V,
VI = 0.4 V
−0.2
mA
IOS‡
VCC = 5.5 V,
VO = 0.5 V
−30
−250
mA
ICC
VCC = 5.5 V,
VI = 0,
Outputs open
170
220
mA
All typical values are at VCC = 5 V, TA = 25°C.
Not more than one output should be shorted at a time and the duration of the short circuit should not exceed one second. Set VO at 0.5 V to avoid
test equipment degradation.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fmax§
50
MHz
tpd
I, I/O
O, I/O
8
15
ns
tpd
CLK↑
Q
R1 = 390 Ω,
7
12
ns
ten
OE↓
Q
R2 = 750 Ω,
8
12
ns
tdis
OE↑
Q
See Figure 1
7
12
ns
ten
I, I/O
O, I/O
8
15
ns
tdis
I, I/O
O, I/O
8
15
ns
All typical values are at VCC = 5 V, TA = 25°C.
§ Maximum operating frequency and propagation delay are specified for the basic building block. When using feedback, limits must be calculated
accordingly.
TIBPAL16L8-15M is Not Recommended for New Designs


Similar Part No. - 5962-8515512RA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-85155132A TI-5962-85155132A Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
5962-8515513RA TI-5962-8515513RA Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
5962-8515513SA TI-5962-8515513SA Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
5962-85155142A TI-5962-85155142A Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
5962-8515514RA TI-5962-8515514RA Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
More results

Similar Description - 5962-8515512RA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL22V10C TI1-TIBPAL22V10C_15 Datasheet
473Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT
TIBPAL22V10-20M TI1-TIBPAL22V10-20M_16 Datasheet
443Kb / 19P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
TIBPAL20L8-7C TI1-TIBPAL20L8-7C_15 Datasheet
672Kb / 28P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
TIBPAL22VP10-20C TI1-TIBPAL22VP10-20C_15 Datasheet
448Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X
TIBPAL16R6-15C TI-TIBPAL16R6-15C Datasheet
311Kb / 19P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_08 Datasheet
590Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT PAL CIRCUITS
5962-85155052A TI-5962-85155052A Datasheet
645Kb / 27P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT
TIBPAL16L8-15C TI-TIBPAL16L8-15C Datasheet
287Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-10C TI-TIBPAL20L8-10C Datasheet
292Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL20L8-5C TI-TIBPAL20L8-5C Datasheet
439Kb / 35P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com