Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECU-S1J105MEB Datasheet(PDF) 6 Page - Texas Instruments

Part # ECU-S1J105MEB
Description  CURRENT-MODE-PWM CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ECU-S1J105MEB Datasheet(HTML) 6 Page - Texas Instruments

Back Button ECU-S1J105MEB Datasheet HTML 2Page - Texas Instruments ECU-S1J105MEB Datasheet HTML 3Page - Texas Instruments ECU-S1J105MEB Datasheet HTML 4Page - Texas Instruments ECU-S1J105MEB Datasheet HTML 5Page - Texas Instruments ECU-S1J105MEB Datasheet HTML 6Page - Texas Instruments ECU-S1J105MEB Datasheet HTML 7Page - Texas Instruments ECU-S1J105MEB Datasheet HTML 8Page - Texas Instruments ECU-S1J105MEB Datasheet HTML 9Page - Texas Instruments ECU-S1J105MEB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TIL5942, TIL5942A
CURRENT-MODE-PWM CONTROLLER
WITH OPTOISOLATED VOLTAGE REFERENCE AND ERROR AMPLIFIER
SOES040 – OCTOBER 1997
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range, VCC = 15 V,
RT = 3.9 kΩ, CT = 1 nF (unless otherwise noted) (continued)
current sense
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIB(IS)
Input bias current, IS
–4
–10
µA
td
Delay time to output
70
ns
VIT(CS)
Current sense threshold
0.9
1.0
1.1
V
integrating capacitor current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO(cap)
Capacitor integrating current at VC with LED off
II(LED) = 0
–5
–10
µA
IL
Photodiode light current at VC, I(VC)(on) – I(VC)(off)
II(LED) = 10 mA,
TA = 25°C
5
8
µA
PWM (pulse-width modulation)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Maximum duty cycle
CL = 1 nF,
CREG = 0.1 µF
97%
Minimum duty cycle
CL = 1 nF,
CREG = 0.1 µF
0
UVLO (under voltage lockout)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT(H)
Start-up threshold voltage
15
16
17
V
VIT(L)
Minimum operating voltage after start-up
9
10
11
V
supply current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC(off)
Start-up current
VCC < 15 V
55
100
µA
ICC(on)
Operating supply current
VCC > 11 V
8
13
16
mA
output section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High level output voltage
IO = –20 mA
11
11.7
V
VOH
High-level output voltage
IO = –200 mA
10.5
11.2
V
VOL
Low level output voltage
IO = 20 mA
0.78
0.9
V
VOL
Low-level output voltage
IO = 200 mA
1.38
2
V
tr
Rise time
TJ = 25°C,
CL = 1 nF
20
35
ns
tf
Fall time
TJ = 25°C,
CL = 1 nF
20
35
ns
regulator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO(REG)
Regulator output Voltage
VCC = 17 V
12
12.5
13.5
V
IOS(REG) Regulator short-circuit output current
VO = 0 V
–9
–12.5
–15.0
mA


Similar Part No. - ECU-S1J105MEB

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ECU-1050 ADVANTECH-ECU-1050 Datasheet
420Kb / 1P
   Cloud enabled Intelligent Communication Gateway for IIOT application
12-Oct-2021
ECU-1050TL ADVANTECH-ECU-1050TL Datasheet
724Kb / 15P
   WISE-EdgeLink
Jan. 26,2022 v1.0
ECU-1050TL-R10AA ADVANTECH-ECU-1050TL-R10AA Datasheet
420Kb / 1P
   Cloud enabled Intelligent Communication Gateway for IIOT application
12-Oct-2021
ECU-1051 ADVANTECH-ECU-1051 Datasheet
2Mb / 3P
   Intelligent Water Treatment Management Solution Suite
22-Jun-2021
ECU-1051B ADVANTECH-ECU-1051B Datasheet
724Kb / 15P
   WISE-EdgeLink
Jan. 26,2022 v1.0
More results

Similar Description - ECU-S1J105MEB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com