Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL16PNP550A Datasheet(PDF) 1 Page - Texas Instruments

Part # TL16PNP550A
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16PNP550A Datasheet(HTML) 1 Page - Texas Instruments

  TL16PNP550A Datasheet HTML 1Page - Texas Instruments TL16PNP550A Datasheet HTML 2Page - Texas Instruments TL16PNP550A Datasheet HTML 3Page - Texas Instruments TL16PNP550A Datasheet HTML 4Page - Texas Instruments TL16PNP550A Datasheet HTML 5Page - Texas Instruments TL16PNP550A Datasheet HTML 6Page - Texas Instruments TL16PNP550A Datasheet HTML 7Page - Texas Instruments TL16PNP550A Datasheet HTML 8Page - Texas Instruments TL16PNP550A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
TL16PNP550A
ASYNCHRONOUS COMMUNICATIONS ELEMENT
WITH PLUGANDPLAY (PnP) AND AUTOFLOW CONTROL
SLLS190B − MARCH 1995 − REVISED MARCH 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D PnP Card Autoconfiguration Sequence
Compliant
D External Terminal-to-Bypass PnP
Autoconfiguration Sequence
D In UART Bypass Mode, the Stand-Alone
PnP Controller is Configured With One
Logical Device
D Provides 10-Interrupts IRQ3−IRQ7,
IRQ9 −IRQ12, IRQ15
D Simple 3-Pin Interface to SGS-Thomson
EEPROM 2K/4K ST93C56/66
D High Output Current Drive. No External
Buffer Needed for Data and Interrupt
Signals
D Programmable Auto-RTS and Auto-CTS
D In Auto-CTS Mode, CTS Controls
Transmitter
D In Auto-RTS Mode, Receiver FIFO Contents
and Threshold Control RTS
D The Serial and Modem Control Outputs
Drive a 1-Meter RJ11 Cable Directly if
Equipment Is on the Same Power Drop
D Capable of Running With All Existing
TL16C450 Software
D After Reset, All Registers Are Identical to
the TL16C450 Register Set
D Clock Prescalar Allows 22-MHz Oscillator
Clock to be Divided by 12, 6, 3, or 1
D In the TL16C450 Mode, Hold and Shift
Registers Eliminate the Need for Precise
Synchronization Between the CPU and
Serial Data
D Programmable Baud Rate Generator Allows
Division of Any Input Reference Clock by 1
to (216 −1) and Generates an Internal 16
×
Clock
D On-Chip I/O Port Address Decoding
D In PnP Bypass Mode, 6 External Terminals
Configure the I/O Base Address and
Interrupt Mapping
D Adds or Deletes Standard Asynchronous
Communication Bits (Start, Stop, and
Parity) to or From the Serial Data Stream
D Independent Control of Transmit, Receive,
Line Status, and Data Set Interrupts on
Each Channel
D Programmable Serial Interface
Characteristics:
− 5-, 6-, 7-, or 8-Bit Characters
− Even-, Odd-, or No-Parity-Bit Generation
and Detection
− 1-, 1 1/2-, or 2-Stop Bit Generation
− Baud Generation (DC to 1 Mbit Per
Second)
D False Start Bit Detection
D Complete Status Reporting Capabilities
D 3-State Outputs Provide TTL Drive for
Bidirectional Data Bus and Interrupt Lines
D Line Break Generation and Detection
D Internal Diagnostic Capabilities:
− Loopback Controls for Communications
Link Fault Isolation
− Break, Parity, Overrun, and Framing
Error Simulation
D Fully Prioritized Interrupt System Controls
D Modem Control Functions (CTS, RTS, DSR,
DTR, RI, and DCD)
D Transmitter and Receiver Run at the Same
Speed
D Up to 16-MHz Clock Rate for Up to 1-Mbaud
Operation for the Internal ACE
D Available in 68-Pin PLCC
description
The TL16PNP550A is a functional upgrade of the TL16C550C asynchronous communications element (ACE),
which in turn is a functional upgrade of the TL16C450. Functionally equivalent to the TL16C450 on power up
(character or TL16C450 mode), the TL16PNP550A, like the TL16C550C, can be placed in an alternate mode
(FIFO mode). This relieves the CPU of excessive software overhead by buffering received and transmitted
characters. The receiver and transmitter FIFOs store up to 16 bytes including three additional bits of error status
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 1996, Texas Instruments Incorporated
SGS-Thomson is a trademark of SGS-Thomson Incorporated.


Similar Part No. - TL16PNP550A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16PNP550A TI-TL16PNP550A Datasheet
553Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
TL16PNP550AFN TI-TL16PNP550AFN Datasheet
553Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
More results

Similar Description - TL16PNP550A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16PNP550A TI-TL16PNP550A Datasheet
553Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
TL16C550C TI-TL16C550C Datasheet
554Kb / 39P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550D TI-TL16C550D Datasheet
826Kb / 50P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550C TI1-TL16C550C_12 Datasheet
1,020Kb / 43P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550D TI-TL16C550D_09 Datasheet
1Mb / 54P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com