Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9110DY Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI9110DY
Description  High-Voltage Switchmode Controllers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9110DY Datasheet(HTML) 6 Page - Vishay Siliconix

  SI9110DY Datasheet HTML 1Page - Vishay Siliconix SI9110DY Datasheet HTML 2Page - Vishay Siliconix SI9110DY Datasheet HTML 3Page - Vishay Siliconix SI9110DY Datasheet HTML 4Page - Vishay Siliconix SI9110DY Datasheet HTML 5Page - Vishay Siliconix SI9110DY Datasheet HTML 6Page - Vishay Siliconix SI9110DY Datasheet HTML 7Page - Vishay Siliconix SI9110DY Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Si9110/9111
Vishay Siliconix
www.vishay.com
6
Document Number: 70004
S-42037—Rev. H, 15-Nov-04
DETAILED DESCRIPTION (CONT’D)
Applications which use a separate external reference, such as
non-isolated converter topologies and circuits employing
optical coupling in the feedback loop, do not require a trimmed
voltage reference with 1% accuracy. The Si9111
accommodates the requirements of these applications at a
lower cost, by leaving the reference voltage untrimmed. The
10% accurate reference thus provided is sufficient to establish
a dc bias point for the error amplifier.
Error Amplifier
Closed-loop regulation is provided by the error amplifier, which
is intended for use with “around-the-amplifier” compensation.
A MOS differential input stage provides for low input current.
The noninverting input to the error amplifier (VREF) is internally
connected to the output of the reference supply and should be
bypassed with a small capacitor to ground.
Oscillator Section
The oscillator consists of a ring of CMOS inverters, capacitors,
and a capacitor discharge switch. Frequency is set by an
external resistor between the OSC IN and OSC OUT pins.
(See Figure 5 for details of resistor value vs. frequency.) The
DISCHARGE pin should be tied to −VIN for normal internal
oscillator operation. A frequency divider in the logic section
limits switch duty cycle to v 50% by locking the switching
frequency to one half of the oscillator frequency.
Remote synchronization is accomplished by capacitive
coupling of a positive SYNC pulse into the OSC IN (pin 8)
terminal. For a 5-V pulse amplitude and 0.5-ms pulse width,
typical values would be 100 pF in series with 3 kW to pin 8.
SHUTDOWN and RESET
SHUTDOWN (pin 11) and RESET (pin 12) are intended for
overriding the output MOSFET switch via external control
logic. The two inputs are fed through a latch preceding the
output switch. Depending on the logic state of RESET,
SHUTDOWN can be either a latched or unlatched input. The
output is off whenever SHUTDOWN is low. By simultaneously
having SHUTDOWN and RESET low, the latch is set and
SHUTDOWN has no effect until RESET goes high. The truth
table for these inputs is given in Table 1.
Table 1:
Truth Table for the SHUTDOWN and RESET Pins
SHUTDOWN
RESET
Output
H
H
Normal Operation
H
Normal Operation (No Change)
L
H
Off (Not Latched)
L
L
Off (Latched)
L
Off (Latched, No Change)
Both pins have internal current source pull-ups and should be
left disconnected when not in use. An added feature of the
current sources is the ability to connect a capacitor and an
open-collector driver to the SHUTDOWN or RESET pins to
provide variable shutdown time.
Output Driver
The push-pull driver output has a typical on-resistance of 20 W.
Maximum switching times are specified at 75 ns for a 500-pF
load. This is sufficient to directly drive MOSFETs such as the
2N7004, 2N7005, IRFD120 and IRFD220. Larger devices can
be driven, but switching times will be longer, resulting in higher
switching losses. In order to drive large MOSPOWER devices,
it is necessary to use an external driver IC, such as the
Vishay Siliconix D469A. The D469A can switch very large
devices such as the SMM20N50 (500 V, 0.3 W) in
approximately 100 ns.


Similar Part No. - SI9110DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9110DY VISHAY-SI9110DY Datasheet
167Kb / 9P
   High-Voltage Switchmode Controllers
Rev. I, 16-May-11
SI9110DY-T1 VISHAY-SI9110DY-T1 Datasheet
167Kb / 9P
   High-Voltage Switchmode Controllers
Rev. I, 16-May-11
SI9110DY-T1-E3 VISHAY-SI9110DY-T1-E3 Datasheet
167Kb / 9P
   High-Voltage Switchmode Controllers
Rev. I, 16-May-11
More results

Similar Description - SI9110DY

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TSC9110 TELEDYNE-TSC9110 Datasheet
457Kb / 7P
   high-voltage switchmode controllers
logo
Vishay Siliconix
SI9110 VISHAY-SI9110_V01 Datasheet
170Kb / 10P
   High-Voltage Switchmode Controllers
01-Jan-2022
SI9110 VISHAY-SI9110_11 Datasheet
167Kb / 9P
   High-Voltage Switchmode Controllers
Rev. I, 16-May-11
logo
Supertex, Inc
HV9100 SUTEX-HV9100 Datasheet
319Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9105 SUTEX-HV9105 Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
logo
Vishay Siliconix
SI9112 VISHAY-SI9112 Datasheet
71Kb / 6P
   High-Voltage Switchmode Controller
Rev. H, 15-Nov-04
SI9112 VISHAY-SI9112_V01 Datasheet
161Kb / 9P
   High-Voltage Switchmode Controller
01-Jan-2022
SI9104 VISHAY-SI9104 Datasheet
121Kb / 5P
   High-Voltage Switchmode Regulator
Rev. B, 16-Apr-01
SI9104 VISHAY-SI9104_V01 Datasheet
175Kb / 8P
   High-Voltage Switchmode Regulator
02-Oct-12
SI9102 VISHAY-SI9102_07 Datasheet
277Kb / 10P
   3-W High-Voltage Switchmode Regulator
Rev. H, 19-Mar-07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com