Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6022IPWPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS6022IPWPR
Description  250-mA DUAL DIFFERENTIAL LINE DRIVER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6022IPWPR Datasheet(HTML) 3 Page - Texas Instruments

  THS6022IPWPR Datasheet HTML 1Page - Texas Instruments THS6022IPWPR Datasheet HTML 2Page - Texas Instruments THS6022IPWPR Datasheet HTML 3Page - Texas Instruments THS6022IPWPR Datasheet HTML 4Page - Texas Instruments THS6022IPWPR Datasheet HTML 5Page - Texas Instruments THS6022IPWPR Datasheet HTML 6Page - Texas Instruments THS6022IPWPR Datasheet HTML 7Page - Texas Instruments THS6022IPWPR Datasheet HTML 8Page - Texas Instruments THS6022IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
THS6022
SLOS225D – SEPTEMBER 1998 – REVISED JULY 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The THS6022 is packaged in the patented PowerPAD™ package. This package provides outstanding thermal
characteristics in a small-footprint package that is fully compatible with automated surface-mount assembly
procedures. The exposed thermal pad on the underside of the package is in direct contact with the die. By
simply soldering the pad to the PWB copper and using other thermal outlets, the heat is conducted away from
the junction.
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
PowerPAD™ PLASTIC
MicroStar Junior™
EVALUATION MODULE
SMALL OUTLINE(1) (PWP)
(GQE)
0
°C to 70°C
THS6022CPWP
THS6022CGQE
THS6022EVM
–40
°C to 85°C
THS6022IPWP
THS6022IGQE
(1)
The PWP packages are available taped and reeled. Add an R suffix to the device type (e.g.,
THS6022CPWPR)
TERMINAL FUNCTIONS
TERMINAL
PWP PACKAGE
GQE PACKAGE
NAME
TERMINAL NO.
TERMINAL NO.
1OUT
2
A3
1IN–
5
F1
1IN+
4
D1
2OUT
13
A7
2IN–
10
F9
2IN+
11
D9
VCC+
3, 12
B1, B9
VCC–
1, 14
A4, A6
NC
6, 7, 8, 9
NA
3
Submit Documentation Feedback


Similar Part No. - THS6022IPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6022IPWP TI-THS6022IPWP Datasheet
646Kb / 38P
[Old version datasheet]   250-mA DUAL DIFFERENTIAL LINE DRIVER
More results

Similar Description - THS6022IPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6022 TI-THS6022 Datasheet
646Kb / 38P
[Old version datasheet]   250-mA DUAL DIFFERENTIAL LINE DRIVER
THS6012 TI1-THS6012_16 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
THS6012 TI-THS6012 Datasheet
604Kb / 35P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
   Dual Differential Line Driver
logo
Texas Instruments
SN75ALS191DE4 TI-SN75ALS191DE4 Datasheet
652Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75158 TI-SN75158_07 Datasheet
436Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75158 TI-SN75158 Datasheet
122Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191 TI-SN75ALS191_V01 Datasheet
1Mb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com