Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL75LP08QPWLE Datasheet(PDF) 4 Page - Texas Instruments

Part # TL75LP08QPWLE
Description  LOW-DROPOUT VOLTAGE REGULATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL75LP08QPWLE Datasheet(HTML) 4 Page - Texas Instruments

  TL75LP08QPWLE Datasheet HTML 1Page - Texas Instruments TL75LP08QPWLE Datasheet HTML 2Page - Texas Instruments TL75LP08QPWLE Datasheet HTML 3Page - Texas Instruments TL75LP08QPWLE Datasheet HTML 4Page - Texas Instruments TL75LP08QPWLE Datasheet HTML 5Page - Texas Instruments TL75LP08QPWLE Datasheet HTML 6Page - Texas Instruments TL75LP08QPWLE Datasheet HTML 7Page - Texas Instruments TL75LP08QPWLE Datasheet HTML 8Page - Texas Instruments TL75LP08QPWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TL75LPxxQ SERIES
TL75LPxxY SERIES
LOW DROPOUT VOLTAGE REGULATORS
SLVS073A − SEPTEMBER 1992 − REVISED AUGUST 1995
3−4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
recommended operating conditions
MIN
MAX
UNIT
TL75LP48
5.15
23.0
TL75LP05
5.3
23.0
Input voltage, VI
TL75LP08
8.4
23.0
V
Input voltage, VI
TL75LP10
10.4
23.0
V
TL75LP12
12.5
23.0
High-level input voltage, ENABLE, VIH
2.0
15.0
V
Low-level input voltage, ENABLE, VIL
0
0.8
V
Output current range, IO
5
300
mA
Operating virtual junction temperature range, TJ
−40
125
°C
electrical characteristics over operating virtual junction temperature range, VI = 10 V, IO = 300 mA,
ENABLE = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL75LP48Q
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Output voltage
VI = 5.35 V to 10 V
4.75
4.85
4.95
V
Input voltage regulation
VI = 5.35 V to 10 V,
TJ = 25°C
10
25
mV
Ripple rejection
VI = 5.6 V to 15.6 V,
f = 120 Hz,
TJ = 25°C
50
55
dB
Output voltage regulation
IO = 5 mA to 300 mA, TJ = 25°C
12
30
mV
IO = 100 mA
0.12
0.2
Dropout voltage
IO = 200 mA
0.17
0.3
V
Dropout voltage
IO = 300 mA
0.22
0.4
V
Output noise voltage
f = 10 Hz to 100 kHz,
TJ = 25°C
500
µV
IO = 10 mA
2.5
4
Bias current
IO = 100 mA
4
10
mA
Bias current
IO = 200 mA
6
20
mA
IO = 300 mA
9
30
High-level input current, ENABLE
ENABLE = 0.8 V
7
25
µA
Low-level input current, ENABLE
ENABLE = 2 V
0.05
6
µA
Standby current
ENABLE = 2 V
100
150
µA
† Pulse-testing techniques maintain the virtual junction temperature as close to the ambient temperature as possible. Thermal effects must be taken
into account separately. All characteristics are measured with a 0.1-
µF capacitor across the input and a 10-µF capacitor with equivalent series
resistance within the guidelines shown in Figures 3 and 4 on the output. All measurements are taken with a tantalum electrolytic capacitor.
Although not normally recommended, an aluminum electrolytic capacitor can be used. Attention must be given its ESR value, particularly at low
temperatures.


Similar Part No. - TL75LP08QPWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TL75LP08QPWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com